Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM500 Datasheet (PDF) - TT Electronics.

PM500 Datasheet PDF - TT Electronics.
Part # PM500
Download  PM500 Download
File Size   577.36 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM500 Medical & ITE Power Supplies (450-500W)

PM500 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM500 Datasheet PDF - TT Electronics.

Part # PM500
Download  PM500 Click to download

File Size   577.36 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM500 Medical & ITE Power Supplies (450-500W)

PM500 Datasheet (HTML) - TT Electronics.


PM500 Product details

Description:
The PM500 series of AC-DC switching power supplies in a package of 4 x 7 x 1.7 inches are capable of delivering 450-500 watts of continuous power at 30 CFM forced air cooling or 350-400 watts at convection cooling. The units are constructed on a printed circuit board with a U-bracket for mechanical support and heat sinking. A cover and fan assembly can be added during manufacturing. They are designed for medical applications including those needing BF rated insulation and/or an operation altitude up to 5000 meters.
Features:
• BF Class insulation
• Operation altitude up to 5000 meters
• 100-240 VAC input with active PFC , >0.9 P.F.
• Less than 300 μA leakage current
• EN55011 / 55022 Class B conducted emissions
• Inhibit - TTL high to disable output
• Compliant with RoHS requirements
• Power consumption in standby mode less than 1W at standby power 5V/100mA




Similar Part No. - PM500

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM500 ARTESYN-PM500 Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
PREMO CORPORATION S.L
PM500-06VE PREMO-PM500-06VE Datasheet
378Kb / 5P
Common mode chokes with Ferrite cores
logo
Schneider Electric
PM5000 SCHNEIDER-PM5000 Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
logo
Artesyn Technologies
PM500CE ARTESYN-PM500CE Datasheet
46Kb / 2P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
TT Electronics.
PM500F TTELEC-PM500F Datasheet
534Kb / 4P
PM500F Medical & ITE Class Power Supplies
22/07/2020
More results


Similar Description - PM500

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TWM500 TRUMPOWER-TWM500 Datasheet
415Kb / 4P
500W Medical Grade AC/DC Power Supplies
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
Single Output 350W Medical & ITE Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com