Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7629NM Datasheet (PDF) - International Rectifier

OM7629NM Datasheet PDF - International Rectifier
Part # OM7629NM
Download  OM7629NM Download
File Size   33.39 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic Surface Mount Package

OM7629NM Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7629NM Datasheet PDF - International Rectifier

Part # OM7629NM
Download  OM7629NM Click to download

File Size   33.39 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic Surface Mount Package

OM7629NM Datasheet (HTML) - International Rectifier


OM7629NM Product details

DESCRIPTION
These three terminal positive regulators are supplied in a hermetically sealed surface mount package. All protective features are designed into the circuit including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver over 1.5 amps of output current. These units feature internally trimmed output voltages to ±1% of nominal voltage. Standard voltages are +5V, +12V, and +15V. These units are ideally suited for Military applications where a hermetic surface mount package is required.

FEATURES
• Hermetic Surface Mount Package
• Output Voltages: +5V, +12V, +15V
• Output Voltages Set Internally To ±1%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Product Is Available Hi-Rel Screened




Similar Part No. - OM7629NM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7620SM IRF-OM7620SM Datasheet
30Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
OM7621NM IRF-OM7621NM Datasheet
26Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OM7622NM IRF-OM7622NM Datasheet
26Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OM7623NM IRF-OM7623NM Datasheet
26Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
More results


Similar Description - OM7629NM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
List of Unclassifed Man...
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
1.5 AMP POSITIVE VOLTAGE REGULATORS
OM7603ST ETC2-OM7603ST Datasheet
38Kb / 4P
Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
logo
International Rectifier
OM7603SM IRF-OM7603SM Datasheet
30Kb / 2P
Three Terminal, Adjustable Voltage, 1.0 Amp Precision Negative Regulator In A Hermetic Surface Mount Package
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com