Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431ITA3 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS431ITA3 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS431ITA3
Download  TS431ITA3 Download
File Size   776.43 Kbytes
Page   13 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Adjustable Precision Shunt Regulator

TS431ITA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS431ITA3 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS431ITA3
Download  TS431ITA3 Click to download

File Size   776.43 Kbytes
Page   13 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Adjustable Precision Shunt Regulator

TS431ITA3 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS431ITA3 Product details

General Description

The TS431I/431AI/431BI integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC voltage references operate as a low temperature coefficient zener which is programmable from Vref to 36 volts with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic impedance of 0.22Ω. The characteristics of these references make them excellent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5volt reference makes it convenient to obtain a stable reference from 5.0volt logic supplies, and since The TS431I/431AI/431BI operates as a shunt regulator, it can be used as either a positive or negative stage reference.



Features

●  Precision Reference Voltage

TS431I – 2.495V±2%

TS431AI – 2.495V±1%

TS431BI – 2.495V±0.5%

●  Equivalent Full Range Temp. Coefficient: 50ppm/ ºC

●  Programmable Output Voltage up to 36V

●  Fast Turn-On Response

●  Sink Current Capability of 1~100mA

●  Low Dynamic Output Impedance: 0.2Ω

●  Low Output Noise




Similar Part No. - TS431ITA3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431I STMICROELECTRONICS-TS431I Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
TS431ILT STMICROELECTRONICS-TS431ILT Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
TS431ILT STMICROELECTRONICS-TS431ILT Datasheet
128Kb / 12P
Low voltage adjustable shunt reference
30-Aug-2007
TS431IYLT STMICROELECTRONICS-TS431IYLT Datasheet
128Kb / 12P
Low voltage adjustable shunt reference
30-Aug-2007
TS431IYLT1 STMICROELECTRONICS-TS431IYLT1 Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
More results


Similar Description - TS431ITA3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com