Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1S8-3.305-R Datasheet (PDF) - Recom International Power

R1S8-3.305-R Datasheet PDF - Recom International Power
Part # R1S8-3.305-R
Download  R1S8-3.305-R Download
File Size   127.44 Kbytes
Page   4 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description DC/DC-Converter with 3 year Warranty

R1S8-3.305-R Datasheet (PDF)

Go To PDF Page Download Datasheet
R1S8-3.305-R Datasheet PDF - Recom International Power

Part # R1S8-3.305-R
Download  R1S8-3.305-R Click to download

File Size   127.44 Kbytes
Page   4 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description DC/DC-Converter with 3 year Warranty

R1S8-3.305-R Datasheet (HTML) - Recom International Power


R1S8-3.305-R Product details

Features
● Fully RoHS 6/6 Conform
● Full Power at 100°C Ambient Temperature
● 1kVDC or 3kVDC Isolation Options
● UL /CSA Certified, CB Report
● Suitable for Fully Automated Assembly (including Vapor Phase Soldering)
● Optional Continuous Short Circuit Protection
● Efficiency to 84%
● Built-In EN55022 Class A Filter

Description
The R1S and R1D converters are of the enclosed open frame type, i.e. they are not potted. The converters are typically used in general purpose and industrial low power isolation and voltage matching applications where an SMD converter is required.
The converter series feature an extended ambient temperature operating range of -40°C to +100°C without derating and optional continuous short circuit protection.
In addition to two isolation options and three different case formats, the converters are also available prepacked as tape and reel for use with automatic insertion machines.




Similar Part No. - R1S8-3.305-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1S8-3.305/E RECOM-R1S8-3.305/E Datasheet
111Kb / 2P
1 Watt SMD Single Output
R1S8-3.305/E-R RECOM-R1S8-3.305/E-R Datasheet
111Kb / 2P
1 Watt SMD Single Output
R1S8-3.305/EP RECOM-R1S8-3.305/EP Datasheet
111Kb / 2P
1 Watt SMD Single Output
More results


Similar Description - R1S8-3.305-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD20-D RECOM-RACD20-D Datasheet
90Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30 RECOM-RACD30 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RPR20-243.3S RECOM-RPR20-243.3S Datasheet
195Kb / 6P
Railway-Converter with 3 year Warranty
RAC04 RECOM-RAC04 Datasheet
571Kb / 3P
AC/DC-Converter with 3 year Warranty
RACD25-500P RECOM-RACD25-500P Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACM40 RECOM-RACM40 Datasheet
585Kb / 6P
Long 5 Year Warranty
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
Three year product warranty
logo
fujitsu semiconductor
ASU9RLF FUJITSU-ASU9RLF Datasheet
64Kb / 1P
Seven year compressor warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
500W 2 year warranty
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com