Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46855-APTR Datasheet (PDF) - Renesas Technology Corp

SLG46855-APTR Datasheet PDF - Renesas Technology Corp
Part # SLG46855-APTR
Download  SLG46855-APTR Download
File Size   4429.05 Kbytes
Page   202 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-Signal Matrix

SLG46855-APTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46855-APTR Datasheet PDF - Renesas Technology Corp

Part # SLG46855-APTR
Download  SLG46855-APTR Click to download

File Size   4429.05 Kbytes
Page   202 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-Signal Matrix

SLG46855-APTR Datasheet (HTML) - Renesas Technology Corp


SLG46855-APTR Product details

 Two High Speed General Purpose Analog Comparators
(ACMPxH)
 Two Low Power General Purpose Analog Comparators
(ACMPxL)
 Two Voltage References (Vref)
 Two Vref Outputs
 Fifteen Combination Function Macrocells
 Three Selectable DFF/LATCH or 2-bit LUTs
 One Selectable Programmable Pattern Generator or
2-bit LUT
 Nine Selectable DFF/LATCH or 3-bit LUTs
 One Selectable Pipe Delay or Ripple Counter, or
3-bit LUT
 One Selectable DFF/LATCH or 4-bit LUTs
 Eight Multi-Function Macrocells
 Seven Selectable DFF/LATCH or 3-bit LUTs + 8-bit
Delay/Counters
 One Selectable DFF/LATCH or 4-bit LUT + 16-bit
Delay/Counter
 Serial Communications
 I2C Protocol Interface
 Programmable Delay with Edge Detector Output
 Deglitch Filter or Edge Detector
 Three Oscillators (OSC)
 2.048 kHz Oscillator
 2.048 MHz Oscillator
 25 MHz Oscillator




Similar Part No. - SLG46855-APTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46855-APTR DIALOG-SLG46855-APTR Datasheet
2Mb / 199P
Auto Grade GreenPAK Programmable Mixed-Signal Matrix
More results


Similar Description - SLG46855-APTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46620-A DIALOG-SLG46620-A Datasheet
2Mb / 186P
Auto Grade GreenPAK Programmable Mixed-signal Matrix
SLG46855-A DIALOG-SLG46855-A Datasheet
2Mb / 199P
Auto Grade GreenPAK Programmable Mixed-Signal Matrix
SLG46857-A DIALOG-SLG46857-A Datasheet
3Mb / 196P
Auto Grade GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620-A RENESAS-SLG46620-A Datasheet
2Mb / 188P
Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-signal Matrix
6-Mar-2023
SLG46625-A RENESAS-SLG46625-A Datasheet
2Mb / 193P
Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-Signal Matrix
6-Mar-2023
SLG46855-A RENESAS-SLG46855-A Datasheet
2Mb / 201P
Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
SLG46857-A RENESAS-SLG46857-A Datasheet
3Mb / 199P
Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com