Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC78H90 Datasheet (PDF) - Texas Instruments

ADC78H90 Datasheet PDF - Texas Instruments
Part # ADC78H90
Download  ADC78H90 Download
File Size   700.4 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC78H90 8-Channel, 500 kSPS, 12-Bit A/D Converter

ADC78H90 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC78H90 Datasheet PDF - Texas Instruments

Part # ADC78H90
Download  ADC78H90 Click to download

File Size   700.4 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC78H90 8-Channel, 500 kSPS, 12-Bit A/D Converter

ADC78H90 Datasheet (HTML) - Texas Instruments


ADC78H90 Product details

1FEATURES
2• Eight input channels
• Variable power management
• Independent analog and digital supplies
• SPI™/QSPI™/MICROWIRE™/DSP compatible
• Packaged in 16-lead TSSOP

APPLICATIONS
• Automotive Navigation
• Portable Systems
• Medical Instruments
• Mobile Communications
• Instrumentation and Control Systems

KEY SPECIFICATIONS
• Conversion Rate: 500kSPS
• DNL: ± 1LSB (max)
• INL: ± 1LSB (max)
• Power Consumption
– 3V Supply: 1.5 mW (typ)
– 5V Supply: 8.3 mW (typ)

DESCRIPTION
The ADC78H90 is a low-power, eight-channel CMOS
12-bit analog-to-digital converter with a conversion
throughput of 500 kSPS. The converter is based on a
successive-approximation register architecture with
an internal track-and-hold circuit. It can be configured
to accept up to eight input signals at inputs AIN1
through AIN8.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE™, and many common DSP
serial interfaces.
The ADC78H90 may be operated with independent
analog and digital supplies. The analog supply (AVDD)
can range from +2.7V to +5.25V, and the digital
supply (DV DD) can range from +2.7V to AVDD. Normal
power consumption using a +3V or +5V supply is 1.5
mW and 8.3 mW, respectively. The power-down
feature reduces the power consumption to just 0.3
μW using a +3V supply, or 0.5 μW using a +5V
supply.
The ADC78H90 is packaged in a 16-lead TSSOP
package. Operation over the industrial temperature
range of −40°C to +85°C is ensured.




Similar Part No. - ADC78H90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 24P
8-Channel, 500 kSPS, 12-Bit A/D Converter
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
12-Bit A/D Converter
logo
National Semiconductor ...
ADC78H90CIMT NSC-ADC78H90CIMT Datasheet
828Kb / 16P
8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90CIMT TI1-ADC78H90CIMT Datasheet
1Mb / 24P
8-Channel, 500 kSPS, 12-Bit A/D Converter
More results


Similar Description - ADC78H90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
8-Channel, 500 kSPS, 12-Bit A/D Converter
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC122S051 NSC-ADC122S051 Datasheet
930Kb / 19P
2 Channel, 500 kSPS 12-Bit A/D Converter
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC78H89 NSC-ADC78H89 Datasheet
825Kb / 16P
7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC124S051 NSC-ADC124S051 Datasheet
926Kb / 19P
4 Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
8-Channel, 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com