Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1217IPFBR Datasheet (PDF) - Texas Instruments

ADS1217IPFBR Datasheet PDF - Texas Instruments
Part # ADS1217IPFBR
Download  ADS1217IPFBR Download
File Size   713.95 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1217IPFBR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1217IPFBR Datasheet PDF - Texas Instruments

Part # ADS1217IPFBR
Download  ADS1217IPFBR Click to download

File Size   713.95 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1217IPFBR Datasheet (HTML) - Texas Instruments


ADS1217IPFBR Product details

FEATURES
24 BITS NO MISSING CODES
INL: 0.0012% of FSR (max)
FULL-SCALE INPUT: ±2VREF
PGA FROM 1 TO 128
22 BITS EFFECTIVE RESOLUTION
PGA = 1), 19 BITS (PGA = 128)
SINGLE CYCLE SETTLING MODE
PROGRAMMABLE DATA OUTPUT RATES
UP TO 1kHz
ON-CHIP 1.25V/2.5V REFERENCE
ON-CHIP CALIBRATION
SPI COMPATIBLE
POWER SUPPLY: 2.7V to 5.25V
< 1mW POWER CONSUMPTION, VDD = 3V

APPLICATIONS
INDUSTRIAL PROCESS CONTROL
LIQUID/GAS CHROMATOGRAPHY
BLOOD ANALYSIS
SMART TRANSMITTERS
PORTABLE INSTRUMENTATION
WEIGH SCALES
PRESSURE TRANSDUCERS

DESCRIPTION
The ADS1217 is a precision, wide dynamic range, deltasigma,
Analog-to-Digital (A/D) converter with 24-bit resolution
operating from 2.7V to 5.25V supplies. The delta-sigma,
A/D converter provides up to 24 bits of no missing code
performance and effective resolution of 22 bits.
The eight input channels are multiplexed. Internal buffering
can be selected to provide a very high input impedance for
direct connection to transducers or low-level voltage signals.
Burnout current sources are provided that allow for the
detection of an open or shorted sensor. An 8-bit Digital-to-
Analog Converter (DAC) provides an offset correction with a
range of 50% of the FSR (Full-Scale Range).
The PGA (Programmable Gain Amplifier) provides selectable
gains of 1 to 128 with an effective resolution of 19 bits at a gain
of 128. The A/D conversion is accomplished with a 2nd-order,
delta-sigma modulator and programmable sinc filter. The
reference input is differential and can be used for ratiometric
measurements. The onboard current DACs operate independently
with the maximum current set by an external resistor.
The serial interface is SPI compatible. Eight bits of digital I/O
are also provided that can be used for input or output. The
ADS1217 is designed for high-resolution measurement applications
in smart transmitters, industrial process control, weigh
scales, chromatography, and portable instrumentation.




Similar Part No. - ADS1217IPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1217IPFBR BURR-BROWN-ADS1217IPFBR Datasheet
458Kb / 28P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1217IPFBR TI1-ADS1217IPFBR Datasheet
1Mb / 33P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBR TI1-ADS1217IPFBR Datasheet
1Mb / 34P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 34P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS1217IPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com