Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1281IPW Datasheet (PDF) - Texas Instruments

ADS1281IPW Datasheet PDF - Texas Instruments
Part # ADS1281IPW
Download  ADS1281IPW Download
File Size   741.92 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Resolution Analog-to-Digital Converter

ADS1281IPW Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1281IPW Datasheet PDF - Texas Instruments

Part # ADS1281IPW
Download  ADS1281IPW Click to download

File Size   741.92 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Resolution Analog-to-Digital Converter

ADS1281IPW Datasheet (HTML) - Texas Instruments


ADS1281IPW Product details

1FEATURES
2• High Resolution:
– 130dB SNR (250SPS)
– 127dB SNR (500SPS)
• High Accuracy:
– THD: –122dB (typ), –115dB (max)
– INL: 0.6ppm
• Inherently Stable Modulator with Fast
Responding Over-Range Detection
• Flexible Digital Filter:
– Sinc + FIR + IIR (Selectable)
– Linear or Minimum Phase Response
– Programmable High-Pass Filter
– Selectable FIR Data Rates:
– 250SPS to 4kSPS
• Filter Bypass Option
• Low Power Consumption:
– Operating: 12mW
– Shutdown: 10mW
• Calibration Engine for Offset and
Gain Correction
• SYNC Input
• Analog Supply:
– Unipolar (+5V) or Bipolar (±2.5V)
• Digital Supply: 1.8V to 3.3V

APPLICATIONS
• Energy Exploration
• Seismic Monitoring
• High-Accuracy Instrumentation

DESCRIPTION
The ADS1281 is an extremely high-performance,
single-chip analog-to-digital converter (ADC)
designed for the demanding needs of energy
exploration and seismic monitoring environments.
The single-chip design promotes board area savings
for improvements in high-density applications.
The converter uses a fourth-order, inherently stable,
delta-sigma (ΔΣ) modulator that provides outstanding
noise and linearity performance. The modulator is
used either in conjunction with the on-chip digital filter, or can be bypassed for use with
post-processing filters.
The digital filter consists of sinc and finite impulse
response (FIR) low-pass stages followed by an
infinite impulse response (IIR) high-pass filter (HPF)
stage. Selectable decimation provides data rates from 250 to 4000 samples per second (SPS). The FIR
low-pass stage provides both linear and minimum
phase response. The HPF features an adjustable
corner frequency. On-chip gain and offset scaling
registers support system calibration.
The synchronization input (SYNC) can be used to synchronize the conversions of multiple ADS1281s.
The SYNC input also accepts a clock input for
continuous alignment of conversions from an external
source.
Together, the modulator and filter dissipate only
12mW. The ADS1281 is available in a compact
TSSOP-24 package and is fully specified from –40°C
to +85°C, with a maximum operating range to +125°C.




Similar Part No. - ADS1281IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1281IPW TI-ADS1281IPW Datasheet
767Kb / 46P
High-Resolution Analog-to-Digital Converter
ADS1281IPW TI1-ADS1281IPW Datasheet
910Kb / 51P
High-Resolution Analog-to-Digital Converter
ADS1281IPWG4 TI-ADS1281IPWG4 Datasheet
767Kb / 46P
High-Resolution Analog-to-Digital Converter
ADS1281IPWG4 TI1-ADS1281IPWG4 Datasheet
910Kb / 51P
High-Resolution Analog-to-Digital Converter
ADS1281IPWR TI-ADS1281IPWR Datasheet
767Kb / 46P
High-Resolution Analog-to-Digital Converter
More results


Similar Description - ADS1281IPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
High-Resolution Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
High-Resolution, Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com