Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5232IPAG Datasheet (PDF) - Texas Instruments

ADS5232IPAG Datasheet PDF - Texas Instruments
Part # ADS5232IPAG
Download  ADS5232IPAG Download
File Size   767.52 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter

ADS5232IPAG Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5232IPAG Datasheet PDF - Texas Instruments

Part # ADS5232IPAG
Download  ADS5232IPAG Click to download

File Size   767.52 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter

ADS5232IPAG Datasheet (HTML) - Texas Instruments


ADS5232IPAG Product details

FEATURES
· Single +3.3V Supply
· High SNR: 70.7dBFS at fIN = 5MHz
· Total Power Dissipation:
Internal Reference: 371mW
External Reference: 335mW
· Internal or External Reference
· Low DNL: ±0.3LSB
· Flexible Input Range: 1.5V PP to 2VPP
· TQFP-64 Package

APPLICATIONS
· Communications IF Processing
· Communications Base Stations
· Test Equipment
· Medical Imaging
· Video Digitizing
· CCD Digitizing

DESCRIPTION
The ADS5232 is a dual, high-speed, high dynamic
range, 12-bit pipelined analog-to-digital converter
(ADC). This converter includes a high-bandwidth
sample-and-hold amplifier that gives excellent spurious performance up to and beyond the Nyquist
rate. The differential nature of the sample-and-hold
amplifier and ADC circuitry minimizes even-order
harmonics and gives excellent common-mode noise
immunity.
The ADS5232 provides for setting the full-scale range
of the converter without any external reference
circuitry. The internal reference can be disabled,
allowing low-drive, external references to be used for
improved tracking in multichannel systems.
The ADS5232 provides an over-range indicator flag
to indicate an input signal that exceeds the full-scale
input range of the converter. This flag can be used to
reduce the gain of front-end gain control circuitry.
There is also an output enable pin to allow for
multiplexing and testing on a PC board.
The ADS5232 employs digital error correction
techniques to provide excellent differential linearity for
demanding imaging applications. The ADS5232 is
available in a TQFP-64 package.




Similar Part No. - ADS5232IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5232IPAG TI-ADS5232IPAG Datasheet
742Kb / 29P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232IPAG TI1-ADS5232IPAG Datasheet
1Mb / 32P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232IPAGG4 TI-ADS5232IPAGG4 Datasheet
742Kb / 29P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232IPAGG4 TI1-ADS5232IPAGG4 Datasheet
1Mb / 32P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232IPAGT TI-ADS5232IPAGT Datasheet
742Kb / 29P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
More results


Similar Description - ADS5232IPAG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com