Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS774H Datasheet (PDF) - Texas Instruments

ADS774H Datasheet PDF - Texas Instruments
Part # ADS774H
Download  ADS774H Download
File Size   752.35 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER

ADS774H Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS774H Datasheet PDF - Texas Instruments

Part # ADS774H
Download  ADS774H Click to download

File Size   752.35 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER

ADS774H Datasheet (HTML) - Texas Instruments


ADS774H Product details

1FEATURES
2· Drop-In Replacement for the ADS774
· Complete Sampling ADC with Reference,
Clock, and Microprocessor Interface
· Fast Acquisition and Conversion: 8.5ms Max
Over Temperature
· Eliminates External Sample/Hold in Most
Applications
· Ensured AC and DC Performance
· Single +5V Supply Operation
· Low Power: 120mW Max
· Package Options: SO, 0.6in and 0.3in DIPs(1)

APPLICATIONS
· Medical Instrumentation
· Data Acquisition Systems
· Robotics
· Industrial Control
· Test Equipment
· Digital Signal Processing
· DSP Servo Control

DESCRIPTION
The ADS774H is a 12-bit, successive-approximation
analog-to-digital converter (ADC) that uses an
innovative capacitor array (CDAC) implemented in
low-power CMOS technology. This device is a drop-in
replacement for the ADS774, with internal sampling, much lower power consumption, and the ability to
operate from a single +5V supply.
The ADS774H is complete with an internal clock,
microprocessor interface, three-state outputs, and
internal scaling resistors for input ranges of 0V to
+10V, 0V to +20V, ±5V, or ±10V. The maximum
throughput time is 8.5ms over the full operating
temperature range, including both acquisition and
conversion.
Complete user control over the internal sampling function facilitates elimination of external sample/hold
amplifiers in most existing designs.
The ADS774H requires +5V, with –15V optional. No
+15V supply is required. Packages include a 28-pin
SO, and 0.3in-wide or 0.6in-wide 28-pin DIPs(1).




Similar Part No. - ADS774H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774H TI1-ADS774H Datasheet
1Mb / 27P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HI TI1-ADS774HI Datasheet
609Kb / 23P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HIB TI1-ADS774HIB Datasheet
609Kb / 23P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HIBDW TI1-ADS774HIBDW Datasheet
1Mb / 27P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS774H

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com