Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2019 Datasheet (PDF) - Texas Instruments

BQ2019 Datasheet PDF - Texas Instruments
Part # BQ2019
Download  BQ2019 Download
File Size   732.25 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADVANCED BATTERY MONITOR IC

BQ2019 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2019 Datasheet PDF - Texas Instruments

Part # BQ2019
Download  BQ2019 Click to download

File Size   732.25 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADVANCED BATTERY MONITOR IC

BQ2019 Datasheet (HTML) - Texas Instruments


BQ2019 Product details

Multifunction Monitoring IC Designed to
Work With an Intelligent Host Controller
– Provides State-of-Charge Information for
Rechargeable Batteries
– Enhances Charge Termination
Ideal for Single-Cell Li-Ion or 3-Cell NiMH
Applications
High-Accuracy Coulometric Charge and
Discharge Current Integration With Offset
Calibration
32 Bytes of General-Purpose RAM
96 Bytes of Flash (Including 32 Bytes of
Shadow Flash)
8 Bytes of ID ROM
Internal Temperature Sensor Eliminates the
Need for an External Thermistor
Multifunction Digital Output Port
High-Accuracy Internal Timebase
Eliminates External Crystal Oscillator
Low Power Consumption
– Operating: <80 μA
– Sleep: <1.5 μA
Single-Wire HDQ Serial Interface
Packaging: 8-Lead TSSOP

description
The bq2019 advanced battery-monitoring IC accurately measures the charge and discharge currents in a
rechargeable battery pack. In pack integration, the bq2019 is the basis of a comprehensive battery-capacity
management system in portable applications such as cellular phones, PDAs, or other portable products.
The bq2019 works with the host controller in the portable system to implement the battery management system.
The host controller interprets the bq2019 data and communicates meaningful battery data to the end-user or
power-management system.
The bq2019 provides 64 bytes of general-purpose flash memory, 8 bytes of ID ROM, and 32 bytes of
flash-backed RAM for data storage. The nonvolatile memory can maintain formatted battery-monitor
information, identification codes, warranty information, or other critical battery parameters when the battery is
temporarily shorted or deeply discharged.




Similar Part No. - BQ2019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2019 TI-BQ2019 Datasheet
323Kb / 24P
ADVANCED BATTERY MONITORIC
BQ2019 TI1-BQ2019 Datasheet
668Kb / 27P
ADVANCED BATTERY MONITORIC
BQ2019PW TI1-BQ2019PW Datasheet
668Kb / 27P
ADVANCED BATTERY MONITORIC
BQ2019PWG4 TI1-BQ2019PWG4 Datasheet
668Kb / 27P
ADVANCED BATTERY MONITORIC
BQ2019PWR TI1-BQ2019PWR Datasheet
668Kb / 27P
ADVANCED BATTERY MONITORIC
More results


Similar Description - BQ2019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2023 TI-BQ2023 Datasheet
330Kb / 27P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
CMOS IC Battery Monitor IC
logo
ams AG
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
Battery Cell Monitor and Balancer IC
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
Battery Monitor IC
May, 2013 Ver.1.5
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
logo
Texas Instruments
BQ2023 TI1-BQ2023_16 Datasheet
1Mb / 32P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC
logo
ON Semiconductor
LC809202F ONSEMI-LC809202F Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
1-Cell Battery Monitor Gas Gauge IC
logo
Vishay Siliconix
SIP31001 VISHAY-SIP31001 Datasheet
86Kb / 3P
Battery Monitor and Protective Discharge IC
20-Feb-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com