Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2023PW.B Datasheet (PDF) - Texas Instruments

BQ2023PW.B Datasheet PDF - Texas Instruments
Part # BQ2023PW.B
Download  BQ2023PW.B Download
File Size   744.86 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS

BQ2023PW.B Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2023PW.B Datasheet PDF - Texas Instruments

Part # BQ2023PW.B
Download  BQ2023PW.B Click to download

File Size   744.86 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS

BQ2023PW.B Datasheet (HTML) - Texas Instruments


BQ2023PW.B Product details

Multifunction Monitoring IC Designed to
Work With an Intelligent Host Controller:
– Provides Accurate State of Charge
Information for Rechargeable Batteries
– Enhances Power and Charge
Management in the System
Supply Operation Down to 2.4 V; Ideal for
Single-Cell Li-Ion or Li-Pol Applications
Communicates Over Single-Wire SDQ
Serial Interface
Resolves Signals Down to 3.05 μVh
High-Accuracy Coulometric Charge and
Discharge Current Integration
Differential Current Sense Input
Automatic and Continuous Offset
Calibration and Compensation
32 Bytes of General-Purpose RAM, 224
Bytes of FLASH, and 8 Bytes of Secure ID
ROM
Internal Temperature Sensor With 0.25°K
Resolution Eliminates the Need for an
External Thermistor
Programmable Digital Output Port
Battery-Pack Removal Detection Input
Places the IC in the Sleep Mode When
System Is Not Present
High-Accuracy Internal Timebase
Eliminates External Crystal Oscillator
Low Power Consumption:
– Operating: 40 μA
– Sleep: 1.5 μA

description
The bq2023 is an advanced battery monitoring IC
that accurately measures the charge and discharge
currents in rechargeable battery packs.
Intended for pack integration, the bq2023
contains all the necessary functions to form the
basis for an accurate battery gas gauge in cellular
phones, PDAs, or other portable products.
Gas gauging is accomplished by coulomb counting (i.e., measuring the charge input to and subsequently
removed from the battery). The bq2023 achieves that by measuring the differential voltage drop across a
low-value series sense resistor between the negative terminal of the battery and the battery-pack negative
contact. An internal voltage-to-frequency converter (VFC) converts this voltage into charge and discharge
counts. The VFC is capable of resolving signals down to 3.05 μV. By using the accumulated counts in the
charge, discharge, and self-discharge registers, an intelligent host controller can determine battery
state-of-charge information. To improve accuracy, the bq2023 continuously measures and compensates offset
errors in the VFC.
The bq2023 works with the host controller in the portable system to implement the battery management system.
The host controller interprets the bq2023 data and communicates meaningful battery data to the end-user or
power-management system. The SDQ single-wire bus architecture allows multiple bq2023s to exist on the
same communications node simultaneously.
The bq2023 provides 224 bytes of flash memory, 8-bytes of secure ID ROM, and 32 bytes of RAM. The
nonvolatile memory maintains formatted battery monitor information, identification codes, warranty information,
or other critical battery parameters while the battery is temporarily shorted or deeply discharged.




Similar Part No. - BQ2023PW.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2023PW TI-BQ2023PW Datasheet
330Kb / 27P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS
BQ2023PW TI1-BQ2023PW Datasheet
1Mb / 32P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC
BQ2023PWG4 TI1-BQ2023PWG4 Datasheet
1Mb / 32P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC
BQ2023PWR TI1-BQ2023PWR Datasheet
1Mb / 32P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC
More results


Similar Description - BQ2023PW.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2023 TI-BQ2023 Datasheet
330Kb / 27P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
CMOS IC Battery Monitor IC
logo
ams AG
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
Battery Cell Monitor and Balancer IC
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
STMicroelectronics
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
Battery Monitor IC
May, 2013 Ver.1.5
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
logo
Texas Instruments
BQ2023 TI1-BQ2023_16 Datasheet
1Mb / 32P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC
logo
ON Semiconductor
LC809202F ONSEMI-LC809202F Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
logo
Vishay Siliconix
SIP31001 VISHAY-SIP31001 Datasheet
86Kb / 3P
Battery Monitor and Protective Discharge IC
20-Feb-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com