Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ25630 Datasheet (PDF) - Texas Instruments

BQ25630 Datasheet PDF - Texas Instruments
Part # BQ25630
Download  BQ25630 Download
File Size   723.51 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25630 I2C Controlled Single Cell 5A Buck Charger with USB-C Detection

BQ25630 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25630 Datasheet PDF - Texas Instruments

Part # BQ25630
Download  BQ25630 Click to download

File Size   723.51 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25630 I2C Controlled Single Cell 5A Buck Charger with USB-C Detection

BQ25630 Datasheet (HTML) - Texas Instruments


BQ25630 Product details

1 Features
• High-efficiency 5A, 1.5MHz, synchronous switch
mode buck charger for single cell battery
– >90% efficiency down to 10mA output current
from 5V input
– Charge current up to 5A in 20mA steps
– Charge termination from 30 to 1000mA in
10mA steps
– Flexible JEITA profile for safe charging over
temperature
• Fully Integrated CC Controller with Dual Role
Power (DRP), Try.SNK and Try.SRC
• BATFET control to support shutdown, ship mode
and full system reset
– 1.5μA quiescent current in battery only mode
– 0.15μA battery leakage current in ship mode
– 0.1μA battery leakage current in shutdown
• Supports USB On-The-Go (OTG) and SRC mode
– Reverse mode operation with 3.84V to 9.6V
output
– Programmable current limit up to 3.2A
• Supports a wide range of input sources
– 3.9V to 18V input operating voltage range with
26V absolute max input voltage
– Supports USB Type-C inputs, USB BC1.2, and
Non-Standard Adapters
– Supports IINDPM Range from 10mA to 3.2A
– VINDPM automatically tracks battery voltage
– Input Current Optimizer (ICO) to maximize input
power without overloading adapters
• Efficient battery operation with 7mΩ BATFET
• Narrow VDC (NVDC) power path management
– System instant-on with depleted or no battery
– Battery supplement when adapter is fully
loaded
• Flexible autonomous or I2C-controlled modes
• Integrated 12-bit ADC for voltage, current, and
temperature monitoring
• Safety
– Thermal regulation and thermal shutdown
– Input/system/battery overvoltage and
overcurrent protection
– Charging safety timer

2 Applications
• Gaming and computer accessories
• Smart phone, tablet
• IP camera, EPOS
• Portable medical equipment

3 Description
The BQ25630 is a highly-integrated 5A switch-mode
battery charge management and system power path
management device for single cell Li-Ion and Lipolymer
batteries. The solution is highly integrated
with built-in current sensing, loop compensation,
input reverse-blocking FET (RBFET, Q1), switching
FETs (HSFET - Q2 and LSFET - Q3), and battery
FET (BATFET, Q4) between system and battery.
It integrates a USB Type-C controller with Dual-
Role Power with Try.SNK and Try.SRC support. It
uses NVDC power path management, regulating the
system slightly above the battery voltage without
dropping below a configurable minimum system
voltage. The low impedance power path optimizes
efficiency, reduces battery charging time and extends
battery life during discharging phase, and the ultra-low
0.15μA ship mode current extends battery shelf life.
The I2C serial interface with charging and system
settings makes the BQ25630 a truly flexible solution.




Similar Part No. - BQ25630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25630 TI1-BQ25630 Datasheet
723Kb / 11P
BQ25630 I2C Controlled Single Cell 5A Buck Charger with USB-C Detection
APRIL 2025
BQ25630YBGR TI1-BQ25630YBGR Datasheet
723Kb / 11P
BQ25630 I2C Controlled Single Cell 5A Buck Charger with USB-C Detection
APRIL 2025
More results


Similar Description - BQ25630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com