Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOB-3 Datasheet (PDF) - TT Electronics.

LOB-3 Datasheet PDF - TT Electronics.
Part # LOB-3
Download  LOB-3 Download
File Size   545.01 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Low Resistance Metal Element Resistors

LOB-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOB-3 Datasheet PDF - TT Electronics.

Part # LOB-3
Download  LOB-3 Click to download

File Size   545.01 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Low Resistance Metal Element Resistors

LOB-3 Datasheet (HTML) - TT Electronics.


LOB-3 Product details

Ultra low resistance values to 0.005Ω
Available in 1, 3 and 5 watt rated packages
Tolerances from ±1% to ±5%
Inherently non-inductive (≤.02μH at 0.5MHz)
Low temperature coefficient of resistance
High stability over life

Description
LOB Series power precision metal element resistors feature
resistance values down to 0.005  with virtually no
inductance. Available in 1, 3 and 5 watt rated axial leaded
packages, these resistors are compatible with automatic
insertion equipment.

Applications
• Switchmode and linear power supplies.
• Automotive current-sensing circuits.
• Instrumentation.




Similar Part No. - LOB-3

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LOB-3 WELWYN-LOB-3 Datasheet
130Kb / 2P
Low Resistance Metal Element Resistors
logo
TT Electronics.
LOB-3 TTELEC-LOB-3 Datasheet
531Kb / 3P
Inherently non-inductive
logo
IRC - a TT electronics ...
LOB-3R010FLFLT IRCTT-LOB-3R010FLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
LOB-3R010HLFLT IRCTT-LOB-3R010HLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
LOB-3R010JLFLT IRCTT-LOB-3R010JLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
More results


Similar Description - LOB-3

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LOB WELWYN-LOB Datasheet
130Kb / 2P
Low Resistance Metal Element Resistors
logo
Willow Technologies Ltd
MS-3 WILLOW-MS-3 Datasheet
314Kb / 1P
Bare Metal Element Resistors
logo
Riedon Powertron
MSR-1 RIEDON-MSR-1 Datasheet
224Kb / 1P
Bare Metal Element Resistors
logo
IRC - a TT electronics ...
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
logo
Riedon Powertron
MSR RIEDON-MSR Datasheet
130Kb / 1P
Bare Metal Element Resistors
logo
TT Electronics.
LOB3R015FLF TTELEC-LOB3R015FLF Datasheet
1Mb / 3P
Low Resistance Metal Element Resistors
logo
Riedon Powertron
MS-1-0.005-OHM RIEDON-MS-1-0.005-OHM Datasheet
141Kb / 1P
Bare Metal Element Resistors
MSR1-0R01F1 RIEDON-MSR1-0R01F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
MSR1-0R05F1 RIEDON-MSR1-0R05F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
MSR1-0R1F1 RIEDON-MSR1-0R1F1 Datasheet
127Kb / 1P
Bare Metal Element Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com