Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF11705 Datasheet (PDF) - Texas Instruments

BUF11705 Datasheet PDF - Texas Instruments
Part # BUF11705
Download  BUF11705 Download
File Size   766.1 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 22-V Supply, 101 Channel Gamma Correction Buffer

BUF11705 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF11705 Datasheet PDF - Texas Instruments

Part # BUF11705
Download  BUF11705 Click to download

File Size   766.1 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 22-V Supply, 101 Channel Gamma Correction Buffer

BUF11705 Datasheet (HTML) - Texas Instruments


BUF11705 Product details

FEATURES
Wide Supply Range: 7 V to 22 V
Gamma Correction Channels: 10
Integrated VCOM Buffer
Excellent Output Current Drive:
− Gamma Channels:
> 30 mA at 0.5 V Swing to Rails(1)
− VCOM:
> 100 mA typ at 2 V Swing to Rails(1)
Large Capacitive Load Drive Capability
Rail-to-Rail Output
PowerPAD Package
Low-Power/Channel: < 500 μA
High ESD Rating: 8 kV HBM, 2 kV CDM,
300 V MM
Specified for −25°C to +85°C

DESCRIPTION
The BUF11705 is a multi-channel buffer targeted
towards gamma correction in high-resolution LCD
panels. It is pin-compatible with the existing BUF11702
and BUF11704 and operates at higher supply voltages
up to 22 V (24 V absolute max). The higher supply
voltage enables faster response times and brighter
images in large-screen LCD panels. This is especially
important in LCD TV applications.
The BUF11705 offers 10 gamma channels. For
additional space and cost savings, a VCOM channel with
> 100 mA drive capability is integrated into the
BUF11705.
The BUF11705 is available in the TSSOP-28
PowerPAD package for dramatically increased power
dissipation capability. This allows a large number of
channels to be handled safely in one package.
A flow-through pinout has been adopted to allow
simple PCB routing and maintain cost-effectiveness. All
inputs and outputs of the BUF11705 incorporate
internal ESD protection circuits that prevent functional
failures at voltages up to 8 kV (HBM), 2 kV (CDM), and
300 V (MM).




Similar Part No. - BUF11705

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Texas Instruments
BUF11705 TI1-BUF11705 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF11705 TI1-BUF11705 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF11705 TI1-BUF11705 Datasheet
1Mb / 35P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF11705 TI1-BUF11705 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
More results


Similar Description - BUF11705

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
logo
Analog Devices
ADD8710 AD-ADD8710 Datasheet
233Kb / 12P
10 - CHANNEL GAMMA BUFFER WITH V-COM DRIVER
6/04-Revision 0
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Analog Devices
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
Multi-Channel LCD Gamma Correction Buffer
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
Multi-channel System Power Supply IC Gamma Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com