Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1050 Datasheet (PDF) - Texas Instruments

CC1050 Datasheet PDF - Texas Instruments
Part # CC1050
Download  CC1050 Download
File Size   763.99 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Chip Very Low Power RF Transmitter

CC1050 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1050 Datasheet PDF - Texas Instruments

Part # CC1050
Download  CC1050 Click to download

File Size   763.99 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Chip Very Low Power RF Transmitter

CC1050 Datasheet (HTML) - Texas Instruments


CC1050 Product details

Applications
• Very low power UHF wireless data
transmitters
• 315 / 433 / 868 and 915 MHz ISM/SRD
band systems
• RKE – Remote Keyless Entry
• Home automation
• Wireless alarm and security systems
• AMR – Automatic Meter Reading
• Low power telemetry
• Game Controllers and advanced toys

Product Description
CC1050 is a true single-chip UHF transmitter
designed for very low power and
very low voltage wireless applications. The
circuit is mainly intended for the ISM
(Industrial, Scientific and Medical) and
SRD (Short Range Device) frequency
bands at 315, 433, 868 and 915 MHz, but
can easily be programmed for operation at
other frequencies in the 300-1000 MHz
range.
The main operating parameters of CC1050
can be programmed via an easy-tointerface
serial bus, thus making CC1050 a
very flexible and easy to use transmitter.
In a typical system CC1050 will be used
together with a microcontroller and a few
external passive components.
CC1050 is based on Chipcon’s SmartRF®
technology in 0.35 μm CMOS.

Features
• True single chip UHF RF transmitter
• Very low current consumption
• Frequency range 300 – 1000 MHz
• Programmable output power –20 to
12 dBm
• Small size (TSSOP-24 package)
• Low supply voltage (2.1 V to 3.6 V)
• Very few external components required
• Single-ended antenna connection
• FSK data rate up to 76.8 kBaud
• Complies with EN 300 220 and FCC
CFR47 part 15
• Programmable frequency in 250 Hz
steps makes crystal temperature drift
compensation possible without TCXO
• Suitable for frequency hopping
protocols
• Development Kit available
• Easy-to-use software for generating the
CC1050 configuration data




Similar Part No. - CC1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1050 TI-CC1050 Datasheet
582Kb / 39P
Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
591Kb / 40P
Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
779Kb / 42P
Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
658Kb / 40P
Single Chip Very Low Power RF Transmitter
CC1050 TI1-CC1050 Datasheet
658Kb / 40P
Single Chip Very Low Power RF Transmitter
More results


Similar Description - CC1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
SINGLE-CHIP RF TRANSMITTER
CC2550 TI-CC2550 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
Single Chip Very Low Power RF Transmitter
CC1000 TI-CC1000 Datasheet
593Kb / 55P
Single Chip Very Low Power RF Transceiver
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
Single Chip Very Low Power RF Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
Single Chip Very Low Power RF Transmitter
CC1050PWR TI-CC1050PWR Datasheet
658Kb / 40P
Single Chip Very Low Power RF Transmitter
CC1050 TI1-CC1050_15 Datasheet
658Kb / 40P
Single Chip Very Low Power RF Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com