Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet (PDF) - Texas Instruments

CC1070-RTR1 Datasheet PDF - Texas Instruments
Part # CC1070-RTR1
Download  CC1070-RTR1 Download
File Size   771.02 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Chip Low Power RF Transmitter for Narrowband Systems

CC1070-RTR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1070-RTR1 Datasheet PDF - Texas Instruments

Part # CC1070-RTR1
Download  CC1070-RTR1 Click to download

File Size   771.02 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Chip Low Power RF Transmitter for Narrowband Systems

CC1070-RTR1 Datasheet (HTML) - Texas Instruments


CC1070-RTR1 Product details

Applications
• Narrowband low power UHF wireless
data transmitters
• 402 / 424 / 426 / 429 / 433 / 447 / 449 /
469 / 868 and 915 MHz ISM/SRD
band systems
• TPMS – Tire Pressure Monitoring
Systems
• AMR – Automatic Meter Reading
• Wireless alarm and security systems
• Home automation
• Low power telemetry

Product Description
CC1070 is a true single-chip UHF
transmitter designed for very low power
and very low voltage wireless applications.
The circuit is mainly intended for the ISM
(Industrial, Scientific and Medical) and
SRD (Short Range Device) frequency
bands at 402, 424, 426, 429, 433, 447,
449, 469, 868 and 915 MHz, but can
easily be programmed for multi-channel
operation at other frequencies in the 402 -
470 and 804 - 940 MHz range.
The CC1070 is especially suited for narrowband
systems with channel spacings of
12.5 or 25 kHz complying with ARIB STD
T-67 and EN 300 220.
The CC1070 main operating parameters
can be programmed via a serial bus, thus
making CC1070 a very flexible and easy to
use transmitter. In a typical application
CC1070 will be used together with a
microcontroller and a few external passive
components.

Features
• True single chip UHF RF transmitter
• Frequency range 402 - 470 MHz and
804 - 940 MHz
• Programmable output power
• Low supply voltage (2.3 to 3.6 V)
• Very few external components required
• Small size (QFN 20 package)
• Pb-free package
• Data rate up to 153.6 kBaud
• OOK, FSK and GFSK data modulation
• Fully on-chip VCO
• Programmable frequency makes
crystal temperature drift compensation
possible without TCXO
• Suitable for frequency hopping systems
• Suited for systems targeting
compliance with EN 300 220, FCC
CFR47 part 15 and ARIB STD T-67
• Development kit available
• Easy-to-use software for generating the
CC1070 configuration data




Similar Part No. - CC1070-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1070-RTR1 TI-CC1070-RTR1 Datasheet
670Kb / 57P
Single Chip Low Power RF Transmitter for Narrowband Systems
More results


Similar Description - CC1070-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
970Kb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070 Datasheet
670Kb / 57P
Single Chip Low Power RF Transmitter for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
Single Chip Low Power RF Transmitter for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
High Performance RF Transmitter for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
High Performance RF Transmitter for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com