Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMP135 Datasheet (PDF) - TT Electronics.

PMP135 Datasheet PDF - TT Electronics.
Part # PMP135
Download  PMP135 Download
File Size   457.38 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PMP135 Medical Power Supplies (120-135W)

PMP135 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMP135 Datasheet PDF - TT Electronics.

Part # PMP135
Download  PMP135 Click to download

File Size   457.38 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PMP135 Medical Power Supplies (120-135W)

PMP135 Datasheet (HTML) - TT Electronics.


PMP135 Product details

Features:
• Low Safety ground leakage current
• Wide input range 90 to 264 VAC
• Power factor corrected
• 200% peak power capability on models below 26Vdc output
• Optional output connectors
• Overvoltage protection
• Over– temperature protection
• Overcurrent protection
• Compliant with CEC and Energy Star Efficiency level V requirements
* No Load power consumption less than 0.5W
* Average active efficiency greater than 87%
• Compliant with RoHS requirements
• IEC 60601-1-2-4th Edition EMC Compliant
Description:
The PMP135 series of AC/DC switching power supplies are for 120-135 watts of continuous output power. They are enclosed in a 94V-0 rated polyphenylene-oxide case with an IEC320/C14 or IEC320/C18 inlet to mate with interchangeable cord for world-wide use. All models meet EN55011 and FCC class B emission limits, and are designed for medical applications.




Similar Part No. - PMP135

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
convection-cooled rectifier
logo
Powerbox
PMP130 POWERBOX-PMP130 Datasheet
561Kb / 2P
100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
PMP130-10 POWERBOX-PMP130-10 Datasheet
561Kb / 2P
100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
PMP130-10-1 POWERBOX-PMP130-10-1 Datasheet
561Kb / 2P
100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
PMP130-11 POWERBOX-PMP130-11 Datasheet
561Kb / 2P
100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
More results


Similar Description - PMP135

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
110 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
logo
Total Power Internation...
TPHPU32A TOTAL-POWER-TPHPU32A Datasheet
359Kb / 2P
Medical Power Supplies
TPHPU63A TOTAL-POWER-TPHPU63A Datasheet
340Kb / 2P
Medical Power Supplies
logo
Sparkle Power Inc.
FSP300-70MU SPI-FSP300-70MU Datasheet
116Kb / 1P
300 Watts MEDICAL POWER SUPPLIES
FSP350-70MU SPI-FSP350-70MU Datasheet
116Kb / 1P
350 Watts MEDICAL POWER SUPPLIES
FSP500-80MPD SPI-FSP500-80MPD Datasheet
120Kb / 1P
500 Watts MEDICAL POWER SUPPLIES
FSP500M-80PA SPI-FSP500M-80PA Datasheet
38Kb / 1P
500 Watts MEDICAL POWER SUPPLIES
FSP600-90MPB SPI-FSP600-90MPB Datasheet
120Kb / 1P
600 Watts MEDICAL POWER SUPPLIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com