Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4048B Datasheet (PDF) - Texas Instruments

CD4048B Datasheet PDF - Texas Instruments
Part # CD4048B
Download  CD4048B Download
File Size   721.2 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Multifunction Expandable 8-Input Gate

CD4048B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4048B Datasheet PDF - Texas Instruments

Part # CD4048B
Download  CD4048B Click to download

File Size   721.2 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Multifunction Expandable 8-Input Gate

CD4048B Datasheet (HTML) - Texas Instruments


CD4048B Product details

Features:

8 Three-state output

® Many logic functions available in one package

= Standardized, symmetrical output
characteristics

® 100% tested for quiescent current at 20 V

® Maximum input current of 1 uA at 18 V
{full package-temperature range), 100 nA
at 18 V and 25°C

= Noise margin (full package-temperature
range) = 1V at Vpp=6V, 2V at Vpp
=10V,25Vat Vpp=15V

u 5-V, 10-V, and 15-V parametric ratings

® Meets all requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4048B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4048B TI-CD4048B Datasheet
554Kb / 12P
CMOS Multifunction Expandable 8-Input Gate
CD4048B TI1-CD4048B Datasheet
757Kb / 16P
CMOS Multifunction Expandable 8-Input Gate
CD4048B-MIL TI1-CD4048B-MIL Datasheet
757Kb / 16P
CMOS Multifunction Expandable 8-Input Gate
CD4048BE TI-CD4048BE Datasheet
554Kb / 12P
CMOS Multifunction Expandable 8-Input Gate
CD4048BE TI1-CD4048BE Datasheet
757Kb / 16P
CMOS Multifunction Expandable 8-Input Gate
More results


Similar Description - CD4048B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4048B STMICROELECTRONICS-HCC4048B Datasheet
280Kb / 12P
MULTIFUNCTION EmULTIFUNCTION EXPANDABLE 8-INPUT GATE
Oct-1988
logo
Texas Instruments
CD4086B TI-CD4086B Datasheet
539Kb / 12P
CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4048BMS INTERSIL-CD4048BMS Datasheet
144Kb / 11P
CMOS Multifunction Expandable 8 Input Gate
December 1992
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
CMOS 8 Input NAND/AND Gate
December 1992
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4048B TI-CD4048B Datasheet
554Kb / 12P
CMOS Multifunction Expandable 8-Input Gate
logo
Micro Electronics
MMC4048 MICRO-ELECTRONICS-MMC4048 Datasheet
142Kb / 4P
MULTIFUNCTION EXPANDALE 8-INPUT GATE
logo
Texas Instruments
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4048B TI1-CD4048B_15 Datasheet
757Kb / 16P
CMOS Multifunction Expandable 8-Input Gate
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com