Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMP60 Datasheet (PDF) - TT Electronics.

PMP60 Datasheet PDF - TT Electronics.
Part # PMP60
Download  PMP60 Download
File Size   502.34 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PMP60 Medical Power Supply Series (30-60W)

PMP60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMP60 Datasheet PDF - TT Electronics.

Part # PMP60
Download  PMP60 Click to download

File Size   502.34 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PMP60 Medical Power Supply Series (30-60W)

PMP60 Datasheet (HTML) - TT Electronics.


PMP60 Product details

Features:
• 12 standard desktop models
• Single, dual or triple outputs
• Optional output connectors
• Optional on/off switch
• 100% burn in
• Wide input range 90-264VAC
• Input surge current protection
• Overvoltage protection
• Over-temperature protection
• Single output models compliant
with CEC and Energy Star
Efficiency Level IV requirements
• No load power consumption
less than 0.5W
• Average active efficiency
Compliant with RoHS
requirement
• ICE 60601-1-2 4th Edition EMC
Compliant
Description:
The PMP60 series of AC/DC switching power supplies are for 30-60 watts of continuous output power. They are
enclosed in a 94V-1 rated polyphenylene-oxide case with an IEC320/C14 inlet to mate with interchangeable cord for
world-wide use. All models meet EN55011 and FCC class B emission limits, and are designed for medical applications.




Similar Part No. - PMP60

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PMP60N1 TTELEC-PMP60N1 Datasheet
496Kb / 3P
PMP60N1 60W Medical & ITE Class II Power Supplies
15/07/2020
PMP60N1-12 TTELEC-PMP60N1-12 Datasheet
496Kb / 3P
PMP60N1 60W Medical & ITE Class II Power Supplies
15/07/2020
PMP60N1-13 TTELEC-PMP60N1-13 Datasheet
496Kb / 3P
PMP60N1 60W Medical & ITE Class II Power Supplies
15/07/2020
PMP60N1-13-1 TTELEC-PMP60N1-13-1 Datasheet
496Kb / 3P
PMP60N1 60W Medical & ITE Class II Power Supplies
15/07/2020
PMP60N1-14 TTELEC-PMP60N1-14 Datasheet
496Kb / 3P
PMP60N1 60W Medical & ITE Class II Power Supplies
15/07/2020
More results


Similar Description - PMP60

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
MPM-9561 BOSER-MPM-9561 Datasheet
54Kb / 1P
60W Open Frame Power Supply for Medical Class
logo
Tumbler Technologies + ...
TRM60 TRUMPOWER-TRM60 Datasheet
97Kb / 1P
30-60W Medical Power Adapters
logo
Total Power Internation...
TPLSU60 TOTAL-POWER-TPLSU60 Datasheet
156Kb / 2P
60W LED Power Supply
logo
LinkCom Manufacturing C...
60W-LCCEA LINKCOM-60W-LCCEA Datasheet
498Kb / 4P
60W LED Power Supply
60W-LCVE LINKCOM-60W-LCVE Datasheet
484Kb / 3P
60W LED Power Supply
logo
Vitec Power
SHFA60-SERIES Vitec-SHFA60-SERIES Datasheet
417Kb / 2P
60W Open-Frame Power Supply for Medical Equipment
SHFA60 Vitec-SHFA60 Datasheet
417Kb / 2P
60W Open-Frame Power Supply for Medical Equipment
logo
TRACO Electronic AG
TMF30 TRACOPOWER-TMF30 Datasheet
3Mb / 4P
AC/DC Medical Power Supply TMF 30 Series, 30 Watt
Rev. January 25, 2023
TPP30-D TRACOPOWER-TPP30-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30-D Series, 30 Watt
Rev. March 16, 2023
TPP30-J TRACOPOWER-TPP30-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30-J Series, 30 Watt
Rev. March 16, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com