Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMP90 Datasheet (PDF) - TT Electronics.

PMP90 Datasheet PDF - TT Electronics.
Part # PMP90
Download  PMP90 Download
File Size   520.18 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PMP90 Medical Power Supplies (60-90W)

PMP90 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMP90 Datasheet PDF - TT Electronics.

Part # PMP90
Download  PMP90 Click to download

File Size   520.18 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PMP90 Medical Power Supplies (60-90W)

PMP90 Datasheet (HTML) - TT Electronics.


PMP90 Product details

Features:
• Low safety ground leakage current
• Wide input range 90 to 264 VAC
• Optional output connectors
• 100% burn-in
• Overvoltage protection
• Over-temperature protection
• Overcurrent protection
• Compliant with CEC and Energy Star Efficiency level IV requirements
(except models
PMP90-10, PMP90-10-1 and PMP90-11)
• No load power consumption less than 0.5W
• Average active efficiency greater than 85%
• Compliant with RoHS requirements
• IEC 60601-1-2 4th Edition EMC Compliant
Description:
The PMP90 series of AC/DC switching power supplies are for 60-90 watts of continuous output power. They are enclosed in
a 94V-0 rated polyphenylene-oxide case with an IEC320/C14 or IEC320/C18 inlet to mate with interchangeable cord for
world-wide use. All models meet EN55011 and FCC class B emission limits, and are designed for medical applications.




Similar Part No. - PMP90

ManufacturerPart #DatasheetDescription
logo
Powerbox
PMP90 POWERBOX-PMP90 Datasheet
850Kb / 2P
60 - 90 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
PMP90-10 POWERBOX-PMP90-10 Datasheet
850Kb / 2P
60 - 90 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
PMP90-10-1 POWERBOX-PMP90-10-1 Datasheet
850Kb / 2P
60 - 90 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
PMP90-11 POWERBOX-PMP90-11 Datasheet
850Kb / 2P
60 - 90 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
PMP90-12 POWERBOX-PMP90-12 Datasheet
850Kb / 2P
60 - 90 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
More results


Similar Description - PMP90

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
logo
TDK Electronics
NNS155 TDK-NNS155 Datasheet
551Kb / 2P
High Reliability 15 to 90W Linear Power Supplies
NND151515 TDK-NND151515 Datasheet
551Kb / 2P
High Reliability 15 to 90W Linear Power Supplies
logo
Wall Industries,Inc.
PSHBU58 WALL-PSHBU58 Datasheet
249Kb / 4P
60 Watts AC - DC Medical Open Frame Power Supplies Single Output
logo
Total Power Internation...
TPHPU32A TOTAL-POWER-TPHPU32A Datasheet
359Kb / 2P
Medical Power Supplies
TPHPU63A TOTAL-POWER-TPHPU63A Datasheet
340Kb / 2P
Medical Power Supplies
TPS-100 TOTAL-POWER-TPS-100 Datasheet
135Kb / 4P
SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
logo
Sparkle Power Inc.
FSP350-70MU SPI-FSP350-70MU Datasheet
116Kb / 1P
350 Watts MEDICAL POWER SUPPLIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com