Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC5022B Datasheet (PDF) - OCX semiconductor

OC5022B Datasheet PDF - OCX semiconductor
Part # OC5022B
Download  OC5022B Download
File Size   283.68 Kbytes
Page   7 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description Built-in MOS switch buck LED constant current driver

OC5022B Datasheet (PDF)

Go To PDF Page Download Datasheet
OC5022B Datasheet PDF - OCX semiconductor

Part # OC5022B
Download  OC5022B Click to download

File Size   283.68 Kbytes
Page   7 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description Built-in MOS switch buck LED constant current driver

OC5022B Datasheet (HTML) - OCX semiconductor


OC5022B Product details

Features
◆Built-in 60V MOS
◆Wide input voltage range: 3.1V~60V
◆High efficiency: up to 93%
◆Support PWM dimming and linear dimming
◆Maximum operating frequency: 1MHz
◆CS voltage: 250mV
◆Chip power supply undervoltage protection: 2.6V
◆Adjustable shutdown time
◆Intelligent over-temperature protection
◆Built-in VDD voltage regulator

Applications
◆Bicycle, electric vehicle, motorcycle lights
◆High-intensity flashlights
◆LED spotlights
◆High-power LED lighting
◆LED backlights




Similar Part No. - OC5022B

ManufacturerPart #DatasheetDescription
logo
OCX semiconductor
OC50318 OCX-OC50318 Datasheet
287Kb / 7P
Built-in MOS switch buck LED constant current driver
V1.0
OC5031B OCX-OC5031B Datasheet
521Kb / 9P
High-end current sensing step-down LED constant current driver
V4.0
OC5033 OCX-OC5033 Datasheet
515Kb / 9P
High-end current sensing step-down LED constant current driver
OC5038 OCX-OC5038 Datasheet
287Kb / 7P
Built-in MOS switch buck LED constant current driver
V1.0
More results


Similar Description - OC5022B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4116 HMSEMI-HM4116 Datasheet
506Kb / 8P
Built-in 5A MOS high-side current-sense buck LED constant current driver
HM6287 HMSEMI-HM6287 Datasheet
458Kb / 8P
Built-in 100V power MOS step-up LED constant current driver
HM6287A HMSEMI-HM6287A Datasheet
581Kb / 8P
Built-in 100V power MOS boost LED constant current driver
HM6288A HMSEMI-HM6288A Datasheet
719Kb / 8P
Built-in 60V power MOS boost LED constant current driver
HM9818B HMSEMI-HM9818B Datasheet
640Kb / 5P
Built-in MOS average current type LED buck constant current driver
HM9880 HMSEMI-HM9880 Datasheet
696Kb / 5P
Built-in MOS average current type LED buck constant current driver
HM9825 HMSEMI-HM9825 Datasheet
773Kb / 5P
Built-in MOS average current type LED buck constant current driver
HM9930 HMSEMI-HM9930 Datasheet
473Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9920 HMSEMI-HM9920 Datasheet
456Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9915 HMSEMI-HM9915 Datasheet
474Kb / 7P
Built-in MOS switch step-down LED constant current driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com