Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC123F3A Datasheet (PDF) - Texas Instruments

CD54HC123F3A Datasheet PDF - Texas Instruments
Part # CD54HC123F3A
Download  CD54HC123F3A Download
File Size   752.94 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets

CD54HC123F3A Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC123F3A Datasheet PDF - Texas Instruments

Part # CD54HC123F3A
Download  CD54HC123F3A Click to download

File Size   752.94 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets

CD54HC123F3A Datasheet (HTML) - Texas Instruments


CD54HC123F3A Product details

Features
• Overriding Reset Terminates Output Pulse
• Triggering From the Leading or Trailing Edge
• Q and Q Buffered Outputs
• Separate Resets
• Wide Range of Output-Pulse Widths
• Schmitt Trigger on Both A and B Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC123, ’HCT123, CD74HC423 and CD74HCT423 are
dual monostable multivibrators with resets. They are all
retriggerable and differ only in that the 123 types can be
triggered by a negative to positive reset pulse; whereas the
423 types do not have this feature. An external resistor (RX)
and an external capacitor (CX) control the timing and the
accuracy for the circuit. Adjustment of Rx and CX provides a
wide range of output pulse widths from the Q and Q
terminals. Pulse triggering on the A and B inputs occur at a
particular voltage level and is not related to the rise and fall
times of the trigger pulses.
Once triggered, the output pulse width may be extended by
retriggering inputs A and B. The output pulse can be
terminated by a LOW level on the Reset (R) pin. Trailing
edge triggering (A) and leading edge triggering (B) inputs
are provided for triggering from either edge of the input
pulse. If either Mono is not used each input on the unused
device (A, B, and R) must be terminated high or low.
The minimum value of external resistance, Rx is typically
5kΩ. The minimum value external capacitance, CX, is 0pF.
The calculation for the pulse width is tW = 0.45 RXCX at
VCC = 5V.




Similar Part No. - CD54HC123F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC123F3A TI-CD54HC123F3A Datasheet
363Kb / 16P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123F3A TI-CD54HC123F3A Datasheet
359Kb / 17P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123F3A TI-CD54HC123F3A Datasheet
511Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123F3A TI-CD54HC123F3A Datasheet
541Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123F3A TI2-CD54HC123F3A Datasheet
762Kb / 25P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
Revised October 2003
More results


Similar Description - CD54HC123F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC123 TI-CD74HC123 Datasheet
56Kb / 8P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
CD54HC123 TI-CD54HC123 Datasheet
363Kb / 16P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC123 HARRIS-CD74HC123 Datasheet
33Kb / 7P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Texas Instruments
CD54HC123 TI-CD54HC123_06 Datasheet
359Kb / 17P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_07 Datasheet
511Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
CD54HC123 TI-CD54HC123_08 Datasheet
541Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
Dual Retriggerable Monostable Multivibrators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com