Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC4538 Datasheet (PDF) - Texas Instruments

CD54HC4538 Datasheet PDF - Texas Instruments
Part # CD54HC4538
Download  CD54HC4538 Download
File Size   773.72 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator

CD54HC4538 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC4538 Datasheet PDF - Texas Instruments

Part # CD54HC4538
Download  CD54HC4538 Click to download

File Size   773.72 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator

CD54HC4538 Datasheet (HTML) - Texas Instruments


CD54HC4538 Product details

Features
• Retriggerable/Resettable Capability
• Trigger and Reset Propagation Delays Independent of
RX, CX
• Triggering from the Leading or Trailing Edge
• Q and Q Buffered Outputs Available
• Separate Resets
• Wide Range of Output Pulse Widths
• Schmitt Trigger Input on A and B Inputs
• Retrigger Time is Independent of CX
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC4538 and ’HCT4538 are dual
retriggerable/resettable monostable precision multivibrators
for fixed voltage timing applications. An external resistor
(RX) and an external capacitor (CX) control the timing and
the accuracy for the circuit. Adjustment of RX and CX
provides a wide range of output pulse widths from the Q and
Q terminals. The propagation delay from trigger input-tooutput
transition and the propagation delay from reset inputto-
output transition are independent of RX and CX.
Leading-edge triggering (A) and trailing edge triggering (B)
inputs are provided for triggering from either edge of the
input pulse. An unused “A” input should be tied to GND and
an unused B should be tied to VCC. On power up the IC is
reset. Unused resets and sections must be terminated. In
normal operation the circuit retriggers on the application of
each new trigger pulse. To operate in the non-triggerable
mode Q is connected to B when leading edge triggering (A)
is used or Q is connected to A when trailing edge triggering
(B) is used. The period (τ) can be calculated from τ = (0.7)
RX, CX; RMIN is 5kΩ. CMIN is 0pF.




Similar Part No. - CD54HC4538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
382Kb / 18P
High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
526Kb / 20P
High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI2-CD54HC4538 Datasheet
766Kb / 26P
High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
Revised October 2003
CD54HC4538F TI-CD54HC4538F Datasheet
64Kb / 11P
High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
More results


Similar Description - CD54HC4538

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
Dual retriggerable precision monostable multivibrator
September 1993
logo
Texas Instruments
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
Dual retriggerable precision monostable multivibrator
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com