Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD814ASD Datasheet (PDF) - ON Semiconductor

FOD814ASD Datasheet PDF - ON Semiconductor
Part # FOD814ASD
Download  FOD814ASD Download
File Size   486.79 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Pin DIP Phototransistor Optocouplers

FOD814ASD Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD814ASD Datasheet PDF - ON Semiconductor

Part # FOD814ASD
Download  FOD814ASD Click to download

File Size   486.79 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Pin DIP Phototransistor Optocouplers

FOD814ASD Datasheet (HTML) - ON Semiconductor


FOD814ASD Product details

Features
• AC Input Response (FOD814)
• Current Transfer Ratio in Selected Groups:
FOD814: 20–300% FOD817: 50–600%
FOD814A: 50–150% FOD817A: 80–160%
FOD817B: 130–260%
FOD817C: 200–400%
FOD817D: 300–600%
• Minimum BVCEO of 70 V Guaranteed
• Safety and Regulatory Approvals
– UL1577, 5,000 VACRMS for 1 Minute
– DIN EN/IEC60747-5-5

Applications
FOD814 Series
• AC Line Monitor
• Unknown Polarity DC Sensor
• Telephone Line Interface
FOD817 Series
• Power Supply Regulators
• Digital Logic Inputs
• Microprocessor Inputs

Description
The FOD814 consists of two gallium arsenide infrared emitting diodes, connected in inverse parallel, driving a silicon phototransistor output in a 4-pin dual in-line package. The FOD817 Series consists of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a 4-pin dual in-line package.




Similar Part No. - FOD814ASD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD814ASD FAIRCHILD-FOD814ASD Datasheet
723Kb / 12P
4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Similar Description - FOD814ASD

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
4-Pin Phototransistor Optocouplers
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD819 ONSEMI-FOD819 Datasheet
269Kb / 11P
FOD819 4-Pin DIP High Speed Phototransistor Optocouplers
July, 2018 ??Rev. 2
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com