Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2167 Datasheet (PDF) - Sealevel Systems, Inc.

2167 Datasheet PDF - Sealevel Systems, Inc.
Part # 2167
Download  2167 Download
File Size   294.84 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 16-Port RS-232, RS-485 RJ45 VersaCom Serial Interface Adapter

2167 Datasheet (PDF)

Go To PDF Page Download Datasheet
2167 Datasheet PDF - Sealevel Systems, Inc.

Part # 2167
Download  2167 Click to download

File Size   294.84 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 16-Port RS-232, RS-485 RJ45 VersaCom Serial Interface Adapter

2167 Datasheet (HTML) - Sealevel Systems, Inc.


2167 Product details

Features
• Compliant with RoHS and WEEE directives
• Utilizes high-speed UARTs with 128-byte Tx FIFOs and 384-byte Rx
FIFOs
• Supports front or rear rack mounting or desktop use
• Provides 16 RJ45 serial ports with Tx/Rx status LEDs
• VersaCom design allows RS-232 or two-wire RS-485 selection via
cabling on each individual port
• Supports RS-232 data rates to 115.2K bps and half duplex RS-485 data
rates to 921.6K bps
• Includes two fully-rated (500mA) USB 1.1 downstream ports
• Power LED on front and rear
• Sealevel SeaCOM software supports Microsoft Windows and Linux
operating systems
• Includes 72-inch USB cable (Item# CA179)
• 120V AC adapter included (5VDC 2.4A output, Item# TR101)




Similar Part No. - 2167

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2167 ALPHAWIRE-2167 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
logo
Heyco.
2167 HEYCO-2167 Datasheet
106Kb / 1P
Snap Bushings
logo
Molex Electronics Ltd.
216700 MOLEX-216700 Datasheet
37Kb / 2P
SlimStack Board-to-Board/Board-to-FPC Connectors
09/09/2022
216700 MOLEX-216700 Datasheet
37Kb / 2P
SlimStack Board-to-Board/Board-to-FPC Connectors
09/12/2022
216700-0209 MOLEX-216700-0209 Datasheet
37Kb / 2P
SlimStack Board-to-Board/Board-to-FPC Connectors
09/09/2022
More results


Similar Description - 2167

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
P440-825FM TRIPPLITE-P440-825FM Datasheet
164Kb / 2P
DB25 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Moxa Inc.
1000 MOXA-1000 Datasheet
1Mb / 8P
1 to 16-port RS-232/422/485 USB-to-serial converters
logo
WAGO Kontakttechnik Gmb...
753-652 WAGO-753-652 Datasheet
610Kb / 12P
RS-232/485 Serial Interface
logo
IOGEAR
GUC232A IOGEAR-GUC232A Datasheet
134Kb / 2P
USB to Serial RS-232 Adapter
logo
Coolgear Inc.
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
logo
Advantech Co., Ltd.
BB-485CON ADVANTECH-BB-485CON Datasheet
488Kb / 2P
RS-232 to RS-485 Serial Converter
logo
Coolgear Inc.
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com