Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2223 Datasheet (PDF) - Sealevel Systems, Inc.

2223 Datasheet PDF - Sealevel Systems, Inc.
Part # 2223
Download  2223 Download
File Size   341.64 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 2-Port RS-232, RS-422, RS-485 (Software Configurable) DB9 Serial Interface Adapter

2223 Datasheet (PDF)

Go To PDF Page Download Datasheet
2223 Datasheet PDF - Sealevel Systems, Inc.

Part # 2223
Download  2223 Click to download

File Size   341.64 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 2-Port RS-232, RS-422, RS-485 (Software Configurable) DB9 Serial Interface Adapter

2223 Datasheet (HTML) - Sealevel Systems, Inc.


2223 Product details

Features
• Compliant with RoHS and WEEE directives
• Each port individually software configurable for RS-232, RS-422, or
RS-485
• Electrical interface settings are maintained across multiple computers
• High speed UART with 128-byte Tx FIFO and 384-byte Rx FIFO
• Supports data rates to 921.6K bps
• Automatic RS-485 enable/disable
• Sealevel’s SeaLATCH locking USB port provides secure connection with
SeaLATCH USB cables via metal thumbscrews
• SeaLATCH USB ports are fully compatible with standard USB cables
• Status LEDs display electrical interface selection and serial data activity
• Power LED displays connection to host
• Powered by USB connection
• Two DB9M connectors with full modem control signals implemented in
RS-232 mode
• Sealevel SeaCOM software supports Windows 98SE/ME/2000/XP and
Vista operating systems
• Includes 6′ USB type A to SeaLATCH USB type B device cable (Item#
CA356)




Similar Part No. - 2223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2223 ETC1-2223 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
KR Electronics, Inc.
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
logo
List of Unclassifed Man...
2223 ETC2-2223 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
Keystone Electronics Co...
2223 KEYSTONE-2223 Datasheet
354Kb / 1P
INTERCONNECT BATTERY HOLDERS
31-07 20th
logo
GHz Technology
2223-1.7 GHZTECH-2223-1.7 Datasheet
249Kb / 3P
1.7 Watts - 24 Volts, Class C Microwave 2200 - 2300 MHz
More results


Similar Description - 2223

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
P440-825FM TRIPPLITE-P440-825FM Datasheet
164Kb / 2P
DB25 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com