Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EH1 Datasheet (PDF) - Sanken electric

EH1 Datasheet PDF - Sanken electric
Part # EH1
Download  EH1 Download
File Size   270.84 Kbytes
Page   7 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description VRM = 200 V, IF(AV) = 0.6 A, trr = 4 μs Fast Recovery Diode

EH1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EH1 Datasheet PDF - Sanken electric

Part # EH1
Download  EH1 Click to download

File Size   270.84 Kbytes
Page   7 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description VRM = 200 V, IF(AV) = 0.6 A, trr = 4 μs Fast Recovery Diode

EH1 Datasheet (HTML) - Sanken electric


EH1 Product details

Features
● VRM---------------------------------------------------- 200 V
● IF(AV)---------------------------------------------------- 0.6 A
● VF -----------------------------------------------------1.35 V
● trr----------------------------------------------------------4 μs
● Bare Leads: Pb-free (RoHS Compliant)
● Flammability: Equivalent to UL94V-0

Applications
● Secondary-side Rectifier Diode
(Flyback Converter, LLC Converter, etc.)
● Freewheel Diode
(Offline Buck Converter, Offline Buck-boost
Converter, etc.)++




Similar Part No. - EH1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EH1 SANKEN-EH1 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
EH1 TAYCHIPST-EH1 Datasheet
911Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Sanken electric
EH1 SANKEN-EH1 Datasheet
76Kb / 2P
Fast Recovery Diodes
logo
Microsemi Corporation
EH10002ZI MICROSEMI-EH10002ZI Datasheet
80Kb / 2P
3 PHASE BRIDGE MODULES
EH10004ZI MICROSEMI-EH10004ZI Datasheet
80Kb / 2P
3 PHASE BRIDGE MODULES
More results


Similar Description - EH1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
logo
Fairchild Semiconductor
FFPF10UP60STU FAIRCHILD-FFPF10UP60STU Datasheet
2Mb / 4P
Ultrafast Recovery trr = 40 ns (@ IF = 1 A)
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
2Mb / 5P
Hyperfast Recovery trr = 70 ns (@ IF= 8 A)
logo
ON Semiconductor
NRVBS4201T3G ONSEMI-NRVBS4201T3G Datasheet
116Kb / 5P
200V, 4A Schottky Fast Soft-Recovery
January, 2012 ??Rev. 5
logo
Sanken electric
CTXS-5306S SANKEN-CTXS-5306S Datasheet
269Kb / 6P
VRM = 600 V, IF(AV) = 30 A, trr = 35 ns Fast Recovery Diode
CTXS-5606S SANKEN-CTXS-5606S Datasheet
276Kb / 6P
VRM = 600 V, IF(AV) = 60 A, trr = 50 ns Fast Recovery Diode
FML-4202S SANKEN-FML-4202S Datasheet
243Kb / 6P
VRM = 200 V, IF(AV) = 20 A, trr = 40 ns Fast Recovery Diode
FMLB-4204S SANKEN-FMLB-4204S Datasheet
240Kb / 6P
VRM = 400 V, IF(AV) = 20 A, trr = 50 ns Fast Recovery Diode
FMNS-4606S SANKEN-FMNS-4606S Datasheet
251Kb / 6P
VRM = 600 V, IF(AV) = 60 A, trr = 100 ns Fast Recovery Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com