Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR2A155 Datasheet (PDF) - Sanken electric

STR2A155 Datasheet PDF - Sanken electric
Part # STR2A155
Download  STR2A155 Download
File Size   357.66 Kbytes
Page   18 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description DIP8 package, connecting one side (pin5 to pin8) with a power MOSFET drain.

STR2A155 Datasheet (PDF)

Go To PDF Page Download Datasheet
STR2A155 Datasheet PDF - Sanken electric

Part # STR2A155
Download  STR2A155 Click to download

File Size   357.66 Kbytes
Page   18 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description DIP8 package, connecting one side (pin5 to pin8) with a power MOSFET drain.

STR2A155 Datasheet (HTML) - Sanken electric


STR2A155 Product details

General Descriptions
The STR2A100 series are power ICs for switching power supplies, incorporating a power MOSFET and a
current mode PWM controller IC in one package. Including a startup circuit and a standby function in the
controller, the product achieves low power consumption, low standby power and high cost-effectiveness power
supply systems with few external components.

Features and Production lineup
Features and benefits include the following
• DIP8 package, connecting one side (pin5 to pin8) with a power MOSFET drain.
The distance between high voltage terminal and low voltage terminal is 0.762mm (0.3inches), and the wider
drain trace is available to enhance thermal dissipation of the IC.
• Current Mode PWM control
• Built-in Random Switching Function, reducing EMI noise, and simplifying EMI filters, by the slight random
change of PWM frequency, fOSC.
• Auto Standby Function (Input Power, PIN < 25mW at no load)
Normal load operation ----------- PWM mode
Light load operation -------------- Standby mode (Burst oscillation)
• Built-in Audible Noise Suppression Function for standby mode
• Built-in Startup Circuit, reducing power consumption in standby operation, and eliminating external
components.
• Bias Assist Function, improving startup operation, suppressing VCC voltage drop in operation, and allowing
use of smaller VCC capacitor.
Soft Start Function, reducing stress of a power MOSFET and secondary rectifiers at startup
• Built-in Leading Edge Blanking Function
• Built-in Slope Compensation Function, avoiding subharmonic oscillation.
• Two Chip Structure, with a controller and a power MOSFET guaranteed Avalanche Energy which is available
to simplify surge absorber circuits
• Protection Functions
−Overcurrent Protection Function (OCP) ------------------Pulse-by-pulse, built-in compensation circuit to
minimize OCP point variation for AC input voltage
−Overload Protection Function (OLP) ----------------------Auto restart, built-in delay timer to reduce temperature rise
−Overvoltage Protection Function (OVP) -------------------Shutdown with latch mode
−Thermal Shutdown Protection Function (TSD)-----------Shutdown with latch mode




Similar Part No. - STR2A155

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
Bi-Directional Triode Thyristor
More results


Similar Description - STR2A155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5N100NK ETC-OM5N100NK Datasheet
19Kb / 2P
POWER MOSFETS IN A TO-3 PACKAGE
logo
ON Semiconductor
NTLJD2105L ONSEMI-NTLJD2105L Datasheet
100Kb / 6P
POWER MOSFET 8 V, 4.3 A, uCool High Side Load Switch with Level Shift, 2x2 mm WDFN Package
November, 2006 ??Rev. 0
logo
Infineon Technologies A...
BTF50060-1TEA INFINEON-BTF50060-1TEA_11 Datasheet
1Mb / 38P
Smart High-Side Power Switch, One Channel
Rev. 1.2, 2011-09-01
logo
Rectron Semiconductor
RD5N60 RECTRON-RD5N60 Datasheet
304Kb / 5P
N-CHANNEL MOSFET in a TO-252 Package
RI2N60 RECTRON-RI2N60 Datasheet
366Kb / 5P
N-CHANNEL MOSFET in a TO-251 Package
RI4N70 RECTRON-RI4N70 Datasheet
343Kb / 5P
N-CHANNEL MOSFET in a TO-251 Package
logo
Ralston Instruments.
QTFT-HFSB-2F RALSTON-QTFT-HFSB-2F_19 Datasheet
507Kb / 1P
Connect a hose on one side of a panel
QTFT-HFBB-2F RALSTON-QTFT-HFBB-2F_19 Datasheet
276Kb / 1P
Connect to a Quick-test hose on one side
QTHA-HFSB-2F RALSTON-QTHA-HFSB-2F_19 Datasheet
530Kb / 1P
Connect a hose on one side of a panel
logo
STMicroelectronics
STB30N65DM6AG STMICROELECTRONICS-STB30N65DM6AG Datasheet
399Kb / 15P
Power MOSFET in a D²PAK package
14-Jun-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com