Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD96371Q5M Datasheet (PDF) - Texas Instruments

CSD96371Q5M Datasheet PDF - Texas Instruments
Part # CSD96371Q5M
Download  CSD96371Q5M Download
File Size   738.12 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Synchronous Buck NexFET™ Power Stage

CSD96371Q5M Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD96371Q5M Datasheet PDF - Texas Instruments

Part # CSD96371Q5M
Download  CSD96371Q5M Click to download

File Size   738.12 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Synchronous Buck NexFET™ Power Stage

CSD96371Q5M Datasheet (HTML) - Texas Instruments


CSD96371Q5M Product details

1FEATURES
2• 92% System Efficiency at 30A
• High Frequency Operation (Up To 2MHz)
• High Density – SON 5-mm × 6-mm Footprint
• Low Power Loss 3.4W at 30A
• Ultra Low Inductance Package
• System Optimized PCB Footprint
• 3.3V and 5V PWM Signal Compatible
• 3-State PWM Input
• Integrated Bootstrap Diode
• Pre-Bias Start-Up Protection
• Shoot Through Protection
• RoHS Compliant – Lead Free Terminal Plating
Halogen Free

APPLICATIONS
• Synchronous Buck Converters
• Multiphase Synchronous Buck Converters
• POL DC-DC Converters
• Memory and Graphic Cards
• Desktop and Server VR11.x and VR12 V-Core
Synchronous Buck Converters

DESCRIPTION
The CSD96371Q5M NexFET™ Power Stage has an optimized design for use in a high power high density
Synchronous Buck converter. This product integrates the gate driver IC and Power MOSFETs to complete the
power stage switching function. This combination produces high current, high efficiency, and high speed
switching capability in a small 5-mm × 6-mm outline package. In addition, the PCB footprint has been optimized
to help reduce design time and simplify the completion of the overall system design.




Similar Part No. - CSD96371Q5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
Synchronous Buck NexFET Power Stage
CSD96371Q5M TI-CSD96371Q5M_15 Datasheet
1Mb / 19P
Synchronous Buck NexFET??Power Stage
More results


Similar Description - CSD96371Q5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
Synchronous Buck NexFET??Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
Synchronous Buck NexFET Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com