Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97370Q5M.B Datasheet (PDF) - Texas Instruments

CSD97370Q5M.B Datasheet PDF - Texas Instruments
Part # CSD97370Q5M.B
Download  CSD97370Q5M.B Download
File Size   730.69 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Synchronous Buck NexFET™ Power Stage

CSD97370Q5M.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD97370Q5M.B Datasheet PDF - Texas Instruments

Part # CSD97370Q5M.B
Download  CSD97370Q5M.B Click to download

File Size   730.69 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Synchronous Buck NexFET™ Power Stage

CSD97370Q5M.B Datasheet (HTML) - Texas Instruments


CSD97370Q5M.B Product details

1FEATURES
• 90% System Efficiency at 25A
• Input Voltages up to 22V
• High Frequency Operation (Up To 2MHz)
• Incorporates Power Block Technology
• High Density – SON 5-mm × 6-mm Footprint
• Low Power Loss 2.8W at 25A
• Ultra Low Inductance Package
• System Optimized PCB Footprint
• 3.3V and 5V PWM Signal Compatible
• 3-State PWM Input
• Integrated Bootstrap Diode
• Pre-Bias Start-Up Protection
• Shoot Through Protection
• RoHS Compliant – Lead Free Terminal Plating
Halogen Free

APPLICATIONS
• Synchronous Buck Converters
• Multiphase Synchronous Buck Converters
• POL DC-DC Converters
• Memory and Graphic Cards
• Desktop and Server VR11.x and VR12.x V-Core
Synchronous Buck Converters

DESCRIPTION
The CSD97370Q5M NexFET Power Stage is an optimized design for use in a high power, high density
Synchronous Buck converter. This product integrates an enhanced gate driver IC and Power Block Technology
to complete the power stage switching function. This combination produces a high current, high efficiency, high
speed switching device and delivers an excellent thermal solution in a small 5-mm × 6-mm outline package due
to its large ground based thermal pad. In addition, the PCB footprint has been optimized to help reduce design
time and simplify the completion of the overall system design.




Similar Part No. - CSD97370Q5M.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M TI-CSD97370Q5M Datasheet
789Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI-CSD97370Q5M Datasheet
789Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Stage
More results


Similar Description - CSD97370Q5M.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
Synchronous Buck NexFET??Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
Synchronous Buck NexFET Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com