Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2904 Datasheet (PDF) - Texas Instruments

DAC2904 Datasheet PDF - Texas Instruments
Part # DAC2904
Download  DAC2904 Download
File Size   728.91 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER

DAC2904 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC2904 Datasheet PDF - Texas Instruments

Part # DAC2904
Download  DAC2904 Click to download

File Size   728.91 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER

DAC2904 Datasheet (HTML) - Texas Instruments


DAC2904 Product details

1FEATURES
2• 125MSPS UPDATE RATE
• SINGLE SUPPLY: +3.3V or +5V
• HIGH SFDR: 78dB at f OUT = 10MHz
• LOW GLITCH: 2pV-s
• LOW POWER: 310mW
• INTERNAL REFERENCE
• POWER-DOWN MODE: 23mW

APPLICATIONS
• COMMUNICATIONS:
– Base Stations, WLL, WLAN
– Baseband I/Q Modulation
• MEDICAL/TEST INSTRUMENTATION
• ARBITRARY WAVEFORM GENERATORS
(ARB)
• DIRECT DIGITAL SYNTHESIS (DDS)

DESCRIPTION
The DAC2904 is a monolithic, 14-bit, dual-channel,
high-speed Digital-to-Analog Converter (DAC), and is
optimized to provide high dynamic performance while
dissipating only 310mW.
Operating with high update rates of up to 125MSPS,
the DAC2904 offers exceptional dynamic
performance, and enables the generation of very-high
output frequencies suitable for “Direct IF”
applications. The DAC2904 has been optimized for
communications applications in which separate I and
Q data are processed while maintaining tight-gain
and offset matching.
Each DAC has a high-impedance differential-current
output, suitable for single-ended or differential
analog-output configurations.
space
The DAC2904 combines high dynamic performance
with a high update rate to create a cost-effective
solution for a wide variety of waveform-synthesis
applications:
• Pin compatibility between family members
provides 10-bit (DAC2900), 12-bit (DAC2902),
and 14-bit (DAC2904) resolution.
• Pin compatible to the AD9767 dual DAC.
• Gain matching is typically 0.5% of full-scale, and
offset matching is specified at 0.02% max.
• The DAC2904 utilizes an advanced CMOS
process; the segmented architecture minimizes
output-glitch energy, and maximizes the dynamic
performance.
• All digital inputs are +3.3V and +5V logic
compatible. The DAC2904 has an internal
reference circuit, and allows use in a multiplying
configuration.
The DAC2904 is available in a TQFP-48 package,
and is specified over the extended industrial
temperature range of –40°C to +85°C.




Similar Part No. - DAC2904

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI2-DAC2904 Datasheet
729Kb / 28P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2009
DAC2904IPFB TI1-DAC2904IPFB Datasheet
835Kb / 26P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904IPFB TI2-DAC2904IPFB Datasheet
729Kb / 28P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2009
More results


Similar Description - DAC2904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com