Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8544 Datasheet (PDF) - Texas Instruments

DAC8544 Datasheet PDF - Texas Instruments
Part # DAC8544
Download  DAC8544 Download
File Size   729.3 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER

DAC8544 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8544 Datasheet PDF - Texas Instruments

Part # DAC8544
Download  DAC8544 Click to download

File Size   729.3 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER

DAC8544 Datasheet (HTML) - Texas Instruments


DAC8544 Product details

FEATURES
Single Supply: +2.7 V to +5.5 V
Micropower Operation: 950 μA @ 5 V
Rail-To-Rail Voltage Output
Ultralow Crosstalk: –110 dB
Settling Time: 10 μs To ±0.003% FSR
16-Bit Monotonic
Offset Error: ±0.3 mV
Gain Error: ±1 mV
Total Error: ±3 mV
Per-Channel V REF+, VREF–, VFB Pins
Logic Compatible: +1.8 V to +5.5 V
Readback Capability
Double Buffered Inputs
Simultaneous or Sequential Update
Schmitt-Triggered Digital Inputs
Hardware Reset
48-Lead TQFP Package

APPLICATIONS
Process Control
Data Acquisition Systems
Closed-Loop Servo Control
PC Peripherals
Optical Networking

DESCRIPTION
The DAC8544 is a low-power, quad-channel, 16-bit,
voltage output DAC. Its on-chip precision output
amplifier allows rail-to-rail voltage swing to be
achieved at the output. The DAC8544 is 16-bit
monotonic and offers exceptional absolute accuracy
with ultralow crosstalk. The DAC8544 uses a 16-bit
parallel interface and features additional power-down
function pins as well as hardware-enabled, synchron·
ous DAC updating and reset capability.
The DAC8544 requires an external reference voltage
to set the output range of the DAC. The device
incorporates a power-on-reset circuit that ensures
that the DAC outputs power up at zero volt and
remains there until a valid write takes place. In
addition, the DAC8544 contains a power-down fea·
ture, accessed via PD pin, that reduces the current
consumption of the device to 400 nA at 5 V. The
power consumption is typically under 5 mW at
VDD = 5 V.
The DAC8544 is available in a 48-lead TQFP package
with an operating temperature range of –40°C to
+105°C.




Similar Part No. - DAC8544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544 TI-DAC8544 Datasheet
476Kb / 20P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8544I TI-DAC8544I Datasheet
476Kb / 20P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8544IPFB TI-DAC8544IPFB Datasheet
476Kb / 20P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8544IPFBG4 TI-DAC8544IPFBG4 Datasheet
476Kb / 20P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8544IPFBR TI-DAC8544IPFBR Datasheet
476Kb / 20P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC8544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544 TI-DAC8544 Datasheet
476Kb / 20P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8541 TI-DAC8541 Datasheet
423Kb / 21P
16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC084S085 TI1-DAC084S085_16 Datasheet
1Mb / 33P
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC8544 TI1-DAC8544_12 Datasheet
893Kb / 23P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com