Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDC316 Datasheet (PDF) - Texas Instruments

DDC316 Datasheet PDF - Texas Instruments
Part # DDC316
Download  DDC316 Download
File Size   735.58 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, Current-Input Analog-to-Digital Converter

DDC316 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDC316 Datasheet PDF - Texas Instruments

Part # DDC316
Download  DDC316 Click to download

File Size   735.58 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, Current-Input Analog-to-Digital Converter

DDC316 Datasheet (HTML) - Texas Instruments


DDC316 Product details

FEATURES
· SINGLE-CHIP SOLUTION TO MEASURE 16
LOW-LEVEL CURRENTS
· INTEGRATING I-TO-V CONVERSION
FRONT-END
· PROGRAMMABLE FULL-SCALE : 3pC to 12pC
· ADJUSTABLE SPEED:
– Data Rate Up To 100kSPS
– Integration Time Down To 10ms
· ANALOG SUPPLY: +5V
· DIGITAL SUPPLY: +3.3V

APPLICATIONS
· CT SCANNER DAS
· PHOTODIODE SENSORS
· X-RAY DETECTION SYSTEMS

DESCRIPTION
The DDC316 is a 16-bit, 16-channel, current-input
analog-to-digital converter (ADC). It combines both
current-to-voltage and analog-to-digital (A/D)
conversion so that 16 separate low-level current
output devices (such as photodiodes) can be directly connected to its inputs and digitized.
For each of the 16 inputs, the DDC316 provides a
dual-switched integrator front-end. This configuration
allows for continuous current integration: while one
integrator is being digitized by the on-chip ADC, the
other is integrating the input current. Adjustable integration times range from 10ms to 1ms.
The DDC316 provides a serial interface of the output
data, either multiplexed onto a single data output pin or parallel on four output pins. The output mode can
be selected based on the available integration time.
The DDC316 uses a +5V analog supply and a +3.3V
digital supply. Operating over the temperature range
of 0°C to +70°C, the DDC316 is offered in a BGA-64
package.




Similar Part No. - DDC316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC316 TI-DDC316 Datasheet
391Kb / 24P
16-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI1-DDC316 Datasheet
979Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI1-DDC316 Datasheet
1Mb / 28P
16-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI1-DDC316 Datasheet
1Mb / 36P
32-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI2-DDC316 Datasheet
534Kb / 35P
32-Channel, Current-Input Analog-to-Digital Converter
REVISED APRIL 2010
More results


Similar Description - DDC316

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC316 TI-DDC316 Datasheet
391Kb / 24P
16-Channel, Current-Input Analog-to-Digital Converter
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
64-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_15 Datasheet
979Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
256-Channel, Current-Input Analog-To-Digital Converter
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
16-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_17 Datasheet
977Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
32-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com