Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC900 Datasheet (PDF) - Texas Instruments

DAC900 Datasheet PDF - Texas Instruments
Part # DAC900
Download  DAC900 Download
File Size   757.87 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER

DAC900 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC900 Datasheet PDF - Texas Instruments

Part # DAC900
Download  DAC900 Click to download

File Size   757.87 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER

DAC900 Datasheet (HTML) - Texas Instruments


DAC900 Product details

1FEATURES
• Qualified for Automotive Applications
• Single +5V OR +3V Operation
• High SFDR: 5MHz Output at 100MSPS: 68dBc
• Low Glitch: 3pV-s
• Low Power: 170mW at +5V
• Internal Reference: Optional External
Reference Adjustable Full-Scale Range
Multiplying Option
• Latch-Up Performance Meets 100 mA
Per JESD 78, Class I

APPLICATIONS
• Communication Transmit Channels
– WLL, Cellular Base Station
– Digital Microwave Links
– Cable Modems
• Waveform Generation
– Direct Digital Synthesis (DDS)
– Arbitrary Waveform Generation (ARB)
• Medical/Ultrasound
• High-Speed Instrumentation and Control
• Video, Digital TV

DESCRIPTION
The DAC900 is a high-speed, Digital-to-Analog Converter (DAC) offering a 10-bit resolution option within the
SpeedPlus family of high-performance converters. Featuring pin compatibility among family members, the
DAC908, DAC902, and DAC904 provide a component selection option to an 8-, 12-, and 14-bit resolution,
respectively. All models within this family of DACs support update rates in excess of 165MSPS with excellent
dynamic performance, and are especially suited to fulfill the demands of a variety of applications.
The advanced segmentation architecture of the DAC900 is optimized to provide a high Spurious-Free Dynamic
Range (SFDR) for single-tone, as well as for multi-tone signals—essential when used for the transmit signal path
of communication systems.
The DAC900 has a high impedance (200kΩ) current output with a nominal range of 20mA and an output
compliance of up to 1.25V. The differential outputs allow for both a differential or singleended analog signal
interface. The close matching of the current outputs ensures superior dynamic performance in the differential
configuration, which can be implemented with a transformer.
Utilizing a small geometry CMOS process, the monolithic DAC900 can be operated on a wide, single-supply
range of +2.7V to +5.5V. Its low power consumption allows for use in portable and batteryoperated systems.
Further optimization can be realized by lowering the output current with the adjustable full-scale option.
For noncontinuous operation of the DAC900, a power-down mode results in only 45mW of standby power.
The DAC900 comes with an integrated 1.24V bandgap reference and edge-triggered input latches, offering a
complete converter solution. Both +3V and +5V CMOS logic families can be interfaced to the DAC900.
The reference structure of the DAC900 allows for additional flexibility by utilizing the on-chip reference, or
applying an external reference. The full-scale output current can be adjusted over a span of 2mA to 20mA, with
one external resistor, while maintaining the specified dynamic performance.
The DAC900 is available in a TSSOP-28 (PW) package.




Similar Part No. - DAC900

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900 TI2-DAC900 Datasheet
576Kb / 25P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
MAY 2002
DAC900 TI2-DAC900 Datasheet
576Kb / 25P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
MAY 2002
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651A TI-THS5651A Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com