Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP6500 Datasheet (PDF) - Texas Instruments

DLP6500 Datasheet PDF - Texas Instruments
Part # DLP6500
Download  DLP6500 Download
File Size   732.71 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP6500 0.65 1080p MVSP Type A DMD

DLP6500 Datasheet (PDF)

Go To PDF Page Download Datasheet
DLP6500 Datasheet PDF - Texas Instruments

Part # DLP6500
Download  DLP6500 Click to download

File Size   732.71 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP6500 0.65 1080p MVSP Type A DMD

DLP6500 Datasheet (HTML) - Texas Instruments


DLP6500 Product details

1 Features
1• High Resolution 1080p (1920×1080) Array With
>2 Million Micromirrors
– 0.65-Inch Micromirror Array Diagonal
– 7.56 μm Micromirror Pitch
– ±12° Micromirror Tilt Angle (Relative to Flat
State)
– Designed for Corner Illumination
• Designed for Use With Broadband Visible Light
(400 nm – 700 nm)
– Window Transmission 97% (Single Pass,
Through Two Window Surfaces)
– Micromirror Reflectivity 88%
– Array Diffraction Efficiency 86%
– Array Fill Factor 92%
• Two 16-Bit, Low Voltage Differential Signaling
(LVDS), Double Data Rate (DDR) Buses
• Two Dedicated Controller Options at 400 MHz
Input Data Clock Rate
• DLPC900 Digital Controller
– Up to 9523 Hz (1-Bit Binary Patterns)
– Up to 19.7 Giga-bits Per Second (1-Bit Binary
Patterns)
– Up to 1031 Hz (8-Bit Gray Patterns Pre-
Loaded With Illumination Modulation), External
Input Up to 360 Hz
• DLPC910 Digital Controller
– Up to 11574 Hz (1-Bit Binary Patterns)
– Up to 24 Giga-bits Per Second (1-Bit Binary
Patterns)
– Up to 1446 Hz (8-Bit Gray Patterns With
Illumination Modulation)
• Integrated Micromirror Driver Circuitry
• Hermetic Package

2 Applications
• Industrial
– 3D Scanners for Machine Vision and Quality
Control
– 3D Printing
– Direct Imaging Lithography
– Laser Marking and Repair
• Medical
– Ophthalmology
– 3D Scanners for Limb and Skin Measurement
– Hyper-spectral Imaging
• Displays
– 3D Imaging Microscopes
– Intelligent and Adaptive Lighting

3 Description
Featuring over 2 million micromirrors in a hermetic
package, the high resolution 0.65 1080p digital
micromirror device (DMD) is a spatial light modulator
(SLM) that modulates the amplitude, direction, and/or
phase of incoming light. The unique capability and
value offered by the DLP6500, including operation at
405nm, makes it well suited to support a wide variety
of industrial, medical, and advanced imaging
applications. Reliable function and operation of the
DLP6500 requires that it be used in conjunction with
the DLPC900 or the DLPC910 digital controllers. This
dedicated chipset provides full HD resolution at high
speeds and can be easily integrated into a variety of
end equipment solutions.




Similar Part No. - DLP6500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP6500 TI1-DLP6500 Datasheet
669Kb / 50P
0.65 1080p MVSP Type A DMD
DLP6500 TI2-DLP6500 Datasheet
986Kb / 55P
DLP6500 0.65 1080p MVSP S600 DMD
REVISED OCTOBER 2016
DLP6500BFLQ TI1-DLP6500BFLQ Datasheet
669Kb / 50P
0.65 1080p MVSP Type A DMD
DLP6500BFYE TI1-DLP6500BFYE Datasheet
669Kb / 50P
0.65 1080p MVSP Type A DMD
DLP6500BFYE TI2-DLP6500BFYE Datasheet
986Kb / 55P
DLP6500 0.65 1080p MVSP S600 DMD
REVISED OCTOBER 2016
More results


Similar Description - DLP6500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
MVSP Type A DMD
DLP6500 TI1-DLP6500 Datasheet
669Kb / 50P
0.65 1080p MVSP Type A DMD
DLP3310 TI1-DLP3310 Datasheet
145Kb / 5P
0.33 1080p DMD
DLP470NE TI1-DLP470NE Datasheet
469Kb / 42P
0.47 1080P DMD
DLP650NE TI1-DLP650NE Datasheet
4Mb / 44P
0.65 1080p S600 DMD
DLP650LE TI1-DLP650LE Datasheet
737Kb / 38P
0.65 WXGA DMD
DLP4710 TI1-DLP4710_18 Datasheet
792Kb / 43P
0.47 1080p DMD
DLP230NP TI1-DLP230NP Datasheet
122Kb / 6P
23 1080p DMD
DLP470NE TI1-DLP470NE_19 Datasheet
763Kb / 46P
0.47 1080P DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
DLP651NE 0.65 1080p DMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com