Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26C32AMQML Datasheet (PDF) - Texas Instruments

DS26C32AMQML Datasheet PDF - Texas Instruments
Part # DS26C32AMQML
Download  DS26C32AMQML Download
File Size   764.35 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS26C32AMQML Quad Differential Line Receiver

DS26C32AMQML Datasheet (PDF)

Go To PDF Page Download Datasheet
DS26C32AMQML Datasheet PDF - Texas Instruments

Part # DS26C32AMQML
Download  DS26C32AMQML Click to download

File Size   764.35 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS26C32AMQML Quad Differential Line Receiver

DS26C32AMQML Datasheet (HTML) - Texas Instruments


DS26C32AMQML Product details

FEATURES
• CMOS Design for Low Power
• ±0.2V Sensitivity Over Input Common Mode
Voltage Range
• Input Fail-Safe Circuitry
• Inputs Won't Load Line When VCC = 0V
• Meets the Requirements of EIA Standard RS-
422 pull•
TRI-STATE Outputs for Connection to System
Buses

DESCRIPTION
The DS26C32A is a quad differential line receiver
designed to meet the RS-422, RS-423, and Federal
Standards 1020 and 1030 for balanced and
unbalanced digital data transmission, while retaining
the low power characteristics of CMOS.
The DS26C32A has an input sensitivity of 200 mV
over the common mode input voltage range of ±7V.
The DS26C32A features internal pull-up and pull•
down resistors which prevent output oscillation on
unused channels.
The DS26C32A provides an enable and disable
function common to all four receivers, and features
TRI-STATE outputs with 6 mA source and sink
capability. This product is pin compatible with the
DS26LS32A and the AM26LS32.




Similar Part No. - DS26C32AMQML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26C32AMQML TI1-DS26C32AMQML Datasheet
410Kb / 16P
DS26C32AMQML Quad Differential Line Receiver
DS26C32AMQML TI1-DS26C32AMQML Datasheet
618Kb / 16P
DS26C32AMQML Quad Differential Line Receiver
DS26C32AMQML TI1-DS26C32AMQML_16 Datasheet
618Kb / 16P
DS26C32AMQML Quad Differential Line Receiver
More results


Similar Description - DS26C32AMQML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C32AT NSC-DS26C32AT Datasheet
311Kb / 11P
Quad Differential Line Receiver
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS26F32C NSC-DS26F32C Datasheet
140Kb / 6P
Quad Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
LVDS QUAD DIFFERENTIAL LINE RECEIVER
DS26C32AMQML TI1-DS26C32AMQML Datasheet
410Kb / 16P
DS26C32AMQML Quad Differential Line Receiver
DS26C32AMQML TI1-DS26C32AMQML_16 Datasheet
618Kb / 16P
DS26C32AMQML Quad Differential Line Receiver
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
Quad CMOS Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com