Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS36277 Datasheet (PDF) - Texas Instruments

DS36277 Datasheet PDF - Texas Instruments
Part # DS36277
Download  DS36277 Download
File Size   714.96 Kbytes
Page   2 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dominant Mode Multipoint Transceiver

DS36277 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS36277 Datasheet PDF - Texas Instruments

Part # DS36277
Download  DS36277 Click to download

File Size   714.96 Kbytes
Page   2 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dominant Mode Multipoint Transceiver

DS36277 Datasheet (HTML) - Texas Instruments


DS36277 Product details

1FEATURES
2• FAILSAFE Receiver, RO = HIGH for:
– OPEN Inputs
– Terminated Inputs
– SHORTED Inputs
• Optimal for Use in SAE J1708 Interfaces
• Compatible with Popular Interface Standards:
– TIA/EIA-485 and TIA/EIA-422-A
– CCITT Recommendation V.11
• Bi-Directional Transceiver
– Designed for Multipoint Transmission
• Wide Bus Common Mode Range
– (−7V to +12V)
• Available in PDIP and SOIC Packages

DESCRIPTION
The DS36277 Dominant Mode Multipoint Transceiver
is designed for use on bi-directional differential
busses. It is optimal for use on Interfaces that utilize
Society of Automotive Engineers (SAE) J1708
Electrical Standard.
The device is similar to standard TIA/EIA-485
transceivers, but differs in enabling scheme. The
Driver's Input is normally externally tied LOW, thus
providing only two states: Active (LOW), or Disabled
(OFF). When the driver is active, the dominant mode
is LOW, conversely, when the driver is disabled, the
bus is pulled HIGH by external bias resistors.
The receiver provides a FAILSAFE feature that
ensures a known output state when the Interface is in
the following conditions: Floating Line, Idle Line (no
active drivers), and Line Fault Conditions (open or
short). The receiver output is HIGH for the following
conditions: Open Inputs, Terminated Inputs (50Ω), or
Shorted Inputs. FAILSAFE is a highly desirable
feature when the transceivers are used with
Asynchronous Controllers such as UARTs.




Similar Part No. - DS36277

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36277 NSC-DS36277 Datasheet
269Kb / 12P
Dominant Mode Multipoint Transceiver
DS36277 NSC-DS36277 Datasheet
704Kb / 13P
Dominant Mode Multipoint Transceiver
logo
Texas Instruments
DS36277 TI-DS36277 Datasheet
369Kb / 16P
DS36277 Dominant Mode Multipoint Transceiver
logo
National Semiconductor ...
DS36277TM NSC-DS36277TM Datasheet
269Kb / 12P
Dominant Mode Multipoint Transceiver
DS36277TM NSC-DS36277TM Datasheet
704Kb / 13P
Dominant Mode Multipoint Transceiver
More results


Similar Description - DS36277

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36276 NSC-DS36276 Datasheet
236Kb / 12P
FAILSAFE Multipoint Transceiver
DS36277 NSC-DS36277 Datasheet
269Kb / 12P
Dominant Mode Multipoint Transceiver
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
Low Power Multipoint EIA-RS-485 Transceiver
DS481 NSC-DS481 Datasheet
156Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS481 NSC-DS481_00 Datasheet
549Kb / 8P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS36277 NSC-DS36277_02 Datasheet
704Kb / 13P
Dominant Mode Multipoint Transceiver
logo
Texas Instruments
DS36277TM TI-DS36277TM Datasheet
369Kb / 16P
DS36277 Dominant Mode Multipoint Transceiver
DS36277TMX TI1-DS36277TMX Datasheet
1,018Kb / 18P
Dominant Mode Multipoint Transceiver
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS36276 TI1-DS36276_11 Datasheet
278Kb / 13P
FAILSAFE Multipoint Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com