Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCH010505S Datasheet (PDF) - Texas Instruments

DCH010505S Datasheet PDF - Texas Instruments
Part # DCH010505S
Download  DCH010505S Download
File Size   718.9 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCH01 Series, 1-W, 3000-VDC Isolated, Unregulated DC/DC Converter Modules

DCH010505S Datasheet (PDF)

Go To PDF Page Download Datasheet
DCH010505S Datasheet PDF - Texas Instruments

Part # DCH010505S
Download  DCH010505S Click to download

File Size   718.9 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCH01 Series, 1-W, 3000-VDC Isolated, Unregulated DC/DC Converter Modules

DCH010505S Datasheet (HTML) - Texas Instruments


DCH010505S Product details

1 Features
1• 3-kVDC Isolation (operational): 1-second test
• Continuous voltage applied across isolation
barrier: 60 VDC / 42.5 VAC
• UL60950 certified product
• Industry standard footprint
• JEDEC 7-pin SIP package
• Input voltage: 5 V ±10%
• Output voltage: ±5 V, ±12 V, or ±15 V
• Supports series operation for higher output
voltage
• Supports parallel operation for higher output
power
• Up to 78% efficiency

2 Applications
• Point-of-use power conversion
• Ground loop elimination
• Data acquisition
• Industrial control and instrumentation
• Test equipment

3 Description
The DCH010505, DCH010512, and DCH010515
devices are a family of miniature, 1-W, 3-kV isolated
DC/DC converters. Featured in an industry standard
7-pin SIP package, the DCH01 series requires
minimal external components, reducing board space.
The DCH01 series provides both single and dual
split-supply outputs.
The use of a highly integrated package design results
in highly reliable products with high power densities.
High performance and small size makes the DCH01
suitable for a wide range of applications including
signal chain applications and ground loop elimination.




Similar Part No. - DCH010505S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH010505S TI-DCH010505S Datasheet
379Kb / 12P
MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505S TI1-DCH010505S Datasheet
417Kb / 15P
MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
DCH010505S TI1-DCH010505S Datasheet
410Kb / 16P
MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505SN7 TI-DCH010505SN7 Datasheet
379Kb / 12P
MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505SN7 TI1-DCH010505SN7 Datasheet
417Kb / 15P
MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
More results


Similar Description - DCH010505S

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
Series 1-W, Isolated, Unregulated DC/DC Converter Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com