Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2665 Datasheet (PDF) - Texas Instruments

LM2665 Datasheet PDF - Texas Instruments
Part # LM2665
Download  LM2665 Download
File Size   727.29 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2665 Switched Capacitor Voltage Converter

LM2665 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2665 Datasheet PDF - Texas Instruments

Part # LM2665
Download  LM2665 Click to download

File Size   727.29 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2665 Switched Capacitor Voltage Converter

LM2665 Datasheet (HTML) - Texas Instruments


LM2665 Product details

1 Features
1• Input Voltage for Voltage Doubler: 2.5 V to 5.5 V
• Voltage Divider Splits Voltage: 1.8 V to 11 V
• Doubles or Splits Input Supply Voltage
• 12-Ω Typical Output Impedance
• 90% Typical Conversion Efficiency at 40 mA
• 1-μA Typical Shutdown Current

2 Applications
• Cellular Phones
• Pagers
• PDAs
• Operational Amplifier Power Suppliers
• Interface Power Suppliers
• Handheld Instruments
• Fire Detection and Notification
• Industrial Handheld Radios
• Blood Pressure Monitors

3 Description
The LM2665 CMOS charge-pump voltage converter
operates as a voltage doubler for an input voltage in
the range of 2.5 V to 5.5 V. Two low-cost capacitors
and a diode (needed during start-up) are used in this
circuit to provide up to 40 mA of output current. The
LM2665 can also work as a voltage divider to split a
voltage in the range of 1.8 V to 11 V in half.
The LM2665 operates at 160-kHz oscillator frequency
to reduce output resistance and voltage ripple. With
an operating current of only 650 μA (operating
efficiency greater than 90% with most loads) and
1-μA typical shutdown current, the LM2665 provides
ideal performance for battery powered systems.




Similar Part No. - LM2665

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2665 NSC-LM2665 Datasheet
210Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665 TI-LM2665 Datasheet
906Kb / 16P
LM2665 Switched Capacitor Voltage Converter
LM2665 TI2-LM2665 Datasheet
1Mb / 29P
MAX660 Switched Capacitor Voltage Converter
REVISED MAY 2017
logo
National Semiconductor ...
LM2665M6 NSC-LM2665M6 Datasheet
210Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665M6 TI-LM2665M6 Datasheet
906Kb / 16P
LM2665 Switched Capacitor Voltage Converter
More results


Similar Description - LM2665

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2665M6X TI-LM2665M6X Datasheet
906Kb / 16P
LM2665 Switched Capacitor Voltage Converter
LM2665 TI-LM2665_15 Datasheet
983Kb / 20P
LM2665 Switched Capacitor Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com