Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3280 Datasheet (PDF) - Texas Instruments

LM3280 Datasheet PDF - Texas Instruments
Part # LM3280
Download  LM3280 Download
File Size   731.5 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3280 Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management

LM3280 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3280 Datasheet PDF - Texas Instruments

Part # LM3280
Download  LM3280 Click to download

File Size   731.5 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3280 Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management

LM3280 Datasheet (HTML) - Texas Instruments


LM3280 Product details

1FEATURES
2• 2MHz (typ.) PWM Switching Frequency
• Operates from a Single Li-Ion Cell (2.7V to
5.5V)
• Adjustable Output Voltage (0.8V to 3.6V) DC-
DC
• High-Efficiency Synchronous Buck Converter
• 300mA Maximum Load Capability (PWM Mode)
• 500mA Maximum Load Capability (Bypass
mode)
• PWM, Forced and Automatic Bypass Mode
• 3 Low-Dropout and Fast Transient Response
LDOs
• 16-pin DSBGA Package
• Current Overload Protection
• Thermal Overload Protection

APPLICATIONS
• Cellular Phones
• Hand-Held Radios
• Battery Powered RF Devices

DESCRIPTION
The LM3280 is a multi-functional Power Management
Unit, optimized for low-power handheld applications
such as Cellular Phones.
The LM3280 incorporates three low-dropout LDO
voltage regulators and one step down PWM DC-DC converter with an internal Bypass FET. The step
down converter's output voltage can be set using an
analog input (VCON) for optimizing efficiency of the RF
PA at various power levels. The LDO operates a
nominal output voltage of 2.85V and maximum load current capability of 20mA for a reference voltage
required by linear RF power amplifiers. The LM3280
additionally features a separate enable pin for each
output.
The LM3280 is available in a 16-pin lead free DSBGA
package.




Similar Part No. - LM3280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3280 NSC-LM3280 Datasheet
794Kb / 22P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
logo
Texas Instruments
LM3280 TI-LM3280 Datasheet
1Mb / 27P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
logo
National Semiconductor ...
LM3280TL-275 NSC-LM3280TL-275 Datasheet
794Kb / 22P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
logo
Texas Instruments
LM3280TL-275/NOPB TI-LM3280TL-275/NOPB Datasheet
1Mb / 27P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
logo
National Semiconductor ...
LM3280TL-280 NSC-LM3280TL-280 Datasheet
794Kb / 22P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
More results


Similar Description - LM3280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3280 NSC-LM3280 Datasheet
794Kb / 22P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3280 TI-LM3280_15 Datasheet
1Mb / 27P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com