Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3151MHX-3.3/NOPB.A Datasheet (PDF) - Texas Instruments

LM3151MHX-3.3/NOPB.A Datasheet PDF - Texas Instruments
Part # LM3151MHX-3.3/NOPB.A
Download  LM3151MHX-3.3/NOPB.A Download
File Size   733.62 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3151/LM3152/LM3153 SIMPLE SWITCHER® CONTROLLER, High Input Voltage Synchronous Step-Down

LM3151MHX-3.3/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3151MHX-3.3/NOPB.A Datasheet PDF - Texas Instruments

Part # LM3151MHX-3.3/NOPB.A
Download  LM3151MHX-3.3/NOPB.A Click to download

File Size   733.62 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3151/LM3152/LM3153 SIMPLE SWITCHER® CONTROLLER, High Input Voltage Synchronous Step-Down

LM3151MHX-3.3/NOPB.A Datasheet (HTML) - Texas Instruments


LM3151MHX-3.3/NOPB.A Product details

1FEATURES
234• PowerWise™ Step-down Controller
• 6V to 42V Wide Input Voltage Range
• Fixed Output Voltage of 3.3V
• Fixed Switching Frequencies of 250 kHz/500
kHz/750 kHz
• No Loop Compensation Required
• Fully WEBENCH® Enabled
• Low External Component Count
• Constant On-Time Control
• Ultra-Fast Transient Response
• Stable with Low ESR Capacitors
• Output Voltage Pre-bias Startup
• Valley Current Limit
• Programmable Soft-start

TYPICAL APPLICATIONS short•
Telecom pre•
Networking Equipment
• Routers
• Security Surveillance
• Power Modules

DESCRIPTION
The LM3151/2/3 SIMPLE SWITCHER Controller is an
easy to use and simplified step down power controller
capable of providing up to 12A of output current in a
typical application. Operating with an input voltage
range from 6V-42V, the LM3151/2/3 features a fixed
output voltage of 3.3V, and features switching
frequencies of 250 kHz, 500 kHz, and 750 kHz. The
synchronous architecture provides for highly efficient
designs. The LM3151/2/3 controller employs a
Constant On-Time (COT) architecture with a
proprietary Emulated Ripple Mode (ERM) control that allows for the use of low ESR output capacitors,
which reduces overall solution size and output
voltage ripple. The Constant On-Time (COT)
regulation architecture allows for fast transient
response and requires no loop compensation, which
reduces external component count and reduces
design complexity.
Fault protection features such as thermal shutdown,
under-voltage lockout, over-voltage protection, short•
circuit protection, current limit, and output voltage pre•
bias startup allow for a reliable and robust solution.
The LM3151/2/3 SIMPLE SWITCHER concept
provides for an easy to use complete design using a
minimum number of external components and TI’s
WEBENCH online design tool. WEBENCH provides
design support for every step of the design process
and includes features such as external component
calculation with a new MOSFET selector, electrical
simulation, thermal simulation, and Build-It boards for
prototyping.




Similar Part No. - LM3151MHX-3.3/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3151MHX-3.3/NOPB TI1-LM3151MHX-3.3/NOPB Datasheet
1Mb / 26P
LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
More results


Similar Description - LM3151MHX-3.3/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3151 NSC-LM3151 Datasheet
492Kb / 20P
SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3151 TI1-LM3151 Datasheet
1Mb / 26P
LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
LM3150MH TI1-LM3150MH Datasheet
1Mb / 26P
LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3151 TI1-LM3151_14 Datasheet
1Mb / 27P
SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
LM3151 TI-LM3151_15 Datasheet
1,022Kb / 26P
LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com