Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1X Datasheet (PDF) - Semikron International

S1X Datasheet PDF - Semikron International
Part # S1X
Download  S1X Download
File Size   148.79 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Standard silicon rectifier diodes

S1X Datasheet (PDF)

Go To PDF Page Download Datasheet
S1X Datasheet PDF - Semikron International

Part # S1X
Download  S1X Click to download

File Size   148.79 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Standard silicon rectifier diodes

S1X Datasheet (HTML) - Semikron International


S1X Product details

Standard silicon rectifier diodes

Forward Current: 1 A
Reverse Voltage: 1300 to 2000 V

Features
• Max. solder temperature: 260°C
• Plastic material has UL Classification 94V-0




Similar Part No. - S1X

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S1X DIOTEC-S1X Datasheet
112Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
Semikron International
S1X SEMIKRON-S1X Datasheet
189Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
S1X DIOTEC-S1X Datasheet
113Kb / 2P
Surface Mount Silicon Rectifier Diodes
S1X DIOTEC-S1X Datasheet
151Kb / 2P
Standard Recovery SMD Rectifier Diodes
S1X DIOTEC-S1X Datasheet
160Kb / 3P
Standard Recovery SMD Rectifier Diodes
More results


Similar Description - S1X

ManufacturerPart #DatasheetDescription
logo
Semikron International
1N5059 SEMIKRON-1N5059 Datasheet
129Kb / 2P
Standard silicon rectifier diodes
BY133 SEMIKRON-BY133 Datasheet
131Kb / 2P
Standard silicon rectifier diodes
P600A SEMIKRON-P600A Datasheet
140Kb / 2P
Standard silicon rectifier diodes
P1000A SEMIKRON-P1000A Datasheet
143Kb / 2P
Standard silicon rectifier diodes
GL1A SEMIKRON-GL1A Datasheet
116Kb / 2P
Standard silicon rectifier diodes
S1A SEMIKRON-S1A Datasheet
111Kb / 2P
Standard silicon rectifier diodes
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
Standard silicon rectifier diodes
P1200A SEMIKRON-P1200A_10 Datasheet
443Kb / 2P
Standard silicon rectifier diodes
P2000A SEMIKRON-P2000A_11 Datasheet
453Kb / 2P
Standard silicon rectifier diodes
P2500ATL SEMIKRON-P2500ATL Datasheet
452Kb / 2P
Standard silicon rectifier diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com