Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3463 Datasheet (PDF) - Texas Instruments

LM3463 Datasheet PDF - Texas Instruments
Part # LM3463
Download  LM3463 Download
File Size   709.09 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control

LM3463 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3463 Datasheet PDF - Texas Instruments

Part # LM3463
Download  LM3463 Click to download

File Size   709.09 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control

LM3463 Datasheet (HTML) - Texas Instruments


LM3463 Product details

FEATURES
• Dynamic Headroom Control Output to
Maximize Efficiency
• 6 Channels Current Regulated LED Driver
• High Precision Analog Dimming Control
Interface
• 4 Individual PWM Dimming Control Input
• Dimming Control via Digital Data Bus
• Built-In Maximum MOSFET Power Limiting
Mechanism
• Allows Cascade Operation to Extend the
Output Channels
• Fault Indicator Output
• Thermal Shutdown
• UVLO With Hysteresis
• 48L WQFN Package

KEY SPECIFICATIONS
• Wide supply voltage range (12V-95V)
• Thermal fold-back dimming control
• DHC regulates the lowest MOSFET drain
voltage to 1V

APPLICATIONS
• Streetlights
• Solid State Lighting Solutions

DESCRIPTION
The LM3463 is a six channel linear LED driver with
Dynamic Headroom Control (DHC) interface that is
specialized for high power LED lighting applications.
The variation of the output current of every output
channel in the temperature range of -40°C to 125°C
is well controlled to less than ±1%. The output current
of every channel is accurately matched to each other
with less than ± 1% difference as well.
By interfacing the LM3463 to the output voltage
feedback node of a switching power supply via the
DHC interface, the system efficiency is optimized
automatically. The dynamic headroom control circuit
in the LM3463 minimizes power dissipation on the
external MOSFETs by adjusting the output voltage of
the primary switching power supply according to the
changing forward voltage of the LEDs. Comprising
the advantages of linear and switching converters,
the LM3463 delivers accurately regulated current to
LEDs while maximizing the system efficiency.
The dimming control interface of the LM3463 accepts
both analog and PWM dimming control signals. The
analog dimming control input controls the current of
all LEDs while the PWM control inputs control the
dimming duty of output channels individually.




Similar Part No. - LM3463

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463SQ TI1-LM3463SQ Datasheet
1Mb / 33P
Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463SQ/NOPB TI1-LM3463SQ/NOPB Datasheet
1Mb / 40P
LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463SQX TI1-LM3463SQX Datasheet
1Mb / 33P
Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463SQX/NOPB TI1-LM3463SQX/NOPB Datasheet
1Mb / 40P
LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
More results


Similar Description - LM3463

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 NSC-LM3464_1 Datasheet
2Mb / 12P
DHC 25W Reference Designs Dynamic Headroom Control (DHC)
logo
Texas Instruments
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
logo
Richco, Inc.
RT8525 RICHCO-RT8525 Datasheet
222Kb / 10P
Boost Controller with Dimming Control
logo
Texas Instruments
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Intersil Corporation
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686 RENESAS-ISL97686 Datasheet
1Mb / 22P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com