Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM62 Datasheet (PDF) - Texas Instruments

LM62 Datasheet PDF - Texas Instruments
Part # LM62
Download  LM62 Download
File Size   722.66 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM62 2.7V, 15.6 mV/°C SOT-23 Temperature Sensor

LM62 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM62 Datasheet PDF - Texas Instruments

Part # LM62
Download  LM62 Click to download

File Size   722.66 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM62 2.7V, 15.6 mV/°C SOT-23 Temperature Sensor

LM62 Datasheet (HTML) - Texas Instruments


LM62 Product details

1FEATURES
2• Calibrated Linear Scale Factor of +15.6 mV/°C
• Rated for Full 0°C to +90°C Range with 3.0V
Supply
• Suitable for Remote Applications

APPLICATIONS
• Cellular Phones
• Computers
• Power Supply Modules
• Battery Management
• FAX Machines
• Printers
• HVAC
• Disk Drives
• Appliances

KEY SPECIFICATIONS
• Accuracy at 25°C ±2.0 or ±3.0°C (max)
• Temperature Slope +15.6 mV/°C
• Power Supply Voltage Range +2.7V to +10V
• Current Drain @ 25°C 130 μA (max)
• Nonlinearity ±0.8°C (max)
• Output Impedance 4.7 kΩ (max)

DESCRIPTION
The LM62 is a precision integrated-circuit
temperature sensor that can sense a 0°C to +90°C
temperature range while operating from a single
+3.0V supply. The LM62's output voltage is linearly
proportional to Celsius (Centigrade) temperature
(+15.6 mV/°C) and has a DC offset of +480 mV. The
offset allows reading temperatures down to 0°C
without the need for a negative supply. The nominal
output voltage of the LM62 ranges from +480 mV to
+1884 mV for a 0°C to +90°C temperature range.
The LM62 is calibrated to provide accuracies of
±2.0°C at room temperature and +2.5°C/−2.0°C over
the full 0°C to +90°C temperature range.
The LM62's linear output, +480 mV offset, and factory
calibration simplify external circuitry required in a
single supply environment where reading
temperatures down to 0°C is required. Because the
LM62's quiescent current is less than 130 μA, self-
heating is limited to a very low 0.2°C in still air.
Shutdown capability for the LM62 is intrinsic because
its inherent low power consumption allows it to be
powered directly from the output of many logic gates.




Similar Part No. - LM62

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
LM62 NSC-LM62 Datasheet
639Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
Texas Instruments
LM62 TI-LM62 Datasheet
1Mb / 15P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
KODENSHI_AUK CORP.
LM620 KODENSHI-LM620 Datasheet
339Kb / 1P
High-Brightness RGB Full Color
logo
Cystech Electonics Corp...
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
Low Dropout CMOS Voltage Regulators
More results


Similar Description - LM62

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 NSC-LM62 Datasheet
218Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 NSC-LM62_05 Datasheet
639Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM62 TI-LM62_15 Datasheet
1Mb / 15P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com