Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2841 Datasheet (PDF) - Texas Instruments

LM2841 Datasheet PDF - Texas Instruments
Part # LM2841
Download  LM2841 Download
File Size   766.49 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT

LM2841 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2841 Datasheet PDF - Texas Instruments

Part # LM2841
Download  LM2841 Click to download

File Size   766.49 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT

LM2841 Datasheet (HTML) - Texas Instruments


LM2841 Product details

1 Features
1• AEC-Q100-qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Input voltage 4.5 V to 42 V
• Output current options of 100 mA, 300 mA, and
600 mA
• Feedback pin voltage of 0.765 V
• 550-kHz (X) or 1.25-MHz (Y) switching frequency
• Low shutdown IQ: 16-μA typical
• Short-circuit protected
• Internally compensated
• Soft-start circuitry
• Small overall solution size (SOT-6L package)
• Create a custom design using the LM2840-Q1 (or
LM2841-Q1/42-Q1) with the WEBENCH® Power
Designer

2 Applications
• Automotive ADAS camera
• Automotive wireless charging
• Automotive body control and lighting

3 Description
The LM284x-Q1 SIMPLE SWITCHER™ devices are
PWM DC/DC buck (step-down) regulators. With an
input range from 4.5 V to 42 V, they are suitable for a
wide range of applications, such as power
conditioning from unregulated sources. They feature
a low RDSON (0.9‑Ω typical) internal switch for
maximum efficiency (85% typical). Operating
frequency is fixed at 550 kHz (X option) and
1.25 MHz (Y option), allowing the use of small
external components while still being able to have low
output voltage ripple. Soft start can be implemented
using the shutdown (SHDN) pin with an external RC
circuit allowing the user to tailor the soft-start time to
a specific application.
The LM2840-Q1 is optimized for up to 100 mA, the
LM2841-Q1 for up to 300 mA, and the LM2842-Q1
for up to 600‑mA load currents. They all have a
0.765-V nominal feedback voltage.
Additional features include: thermal shutdown, VIN
undervoltage lockout, and gate-drive undervoltage
lockout. The LM284x-Q1 are available in a low-profile
SOT-6L package.




Similar Part No. - LM2841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2841 TI1-LM2841 Datasheet
845Kb / 19P
LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
LM2841 TI-LM2841 Datasheet
848Kb / 20P
Input Step-Down DC/DC Regulator in Thin SOT
LM2841 TI2-LM2841 Datasheet
765Kb / 28P
LM284x SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
REVISED APRIL 2019
LM2841-Q1 TI-LM2841-Q1 Datasheet
848Kb / 20P
Input Step-Down DC/DC Regulator in Thin SOT
More results


Similar Description - LM2841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
LM2841 TI-LM2841_15 Datasheet
848Kb / 20P
Input Step-Down DC/DC Regulator in Thin SOT
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com