Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM90 Datasheet (PDF) - Texas Instruments

LM90 Datasheet PDF - Texas Instruments
Part # LM90
Download  LM90 Download
File Size   730.87 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface

LM90 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM90 Datasheet PDF - Texas Instruments

Part # LM90
Download  LM90 Click to download

File Size   730.87 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface

LM90 Datasheet (HTML) - Texas Instruments


LM90 Product details

1FEATURES
• Accurately Senses Die Temperature of Remote
ICs or Diode Junctions
• Offset Register Allows Sensing a Variety of
Thermal Diodes Accurately
• On-board Local Temperature Sensing
• 10 Bit Plus Sign Remote Diode Temperature
Data Format, 0.125°C Resolution
• Diode Fault Detection Circuitry
• T_CRIT_A Output Useful for System Shutdown
(Open Diode does not Activate T_CRIT_A)
• ALERT Output Supports SMBus 2.0 Protocol
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• 8-pin VSSOP Package

APPLICATIONS
• System Thermal Management
(e.g. Laptop, Desktop, Workstations, Server)
• Electronic Test Equipment
• Office Electronics

KEY SPECIFICATIONS
• Supply Voltage 3.0 to 3.6 V
• Supply Current 0.8 mA (Typ)
• Local Temp Accuracy (Includes Quantization
Error)
– TA=25°C to 125°C, ±4.0 °C (Max)
• Remote Diode Temp Accuracy (Includes
Quantization Error)
– TA=30°C to 50°C, TD=60°C to 100°C, ±3.0 °C
(Max)
– TA=0°C to 85°C, TD=25°C to 125°C, ±4.0 °C
(Max)

DESCRIPTION
The LM90 is an 11-bit digital temperature sensor with
a 2-wire System Management Bus (SMBus) serial
interface. The LM90 accurately measures its own
temperature as well as the temperature of an external
device, such as processor thermal diode or diode
connected transistor such as the 2N3904. The
temperature of any ASIC can be accurately
determined using the LM90 as long as a dedicated
diode (semiconductor junction) is available on the
target die. The LM90 remote sensor accuracy of ±3°C
is factory trimmed for the 1.008 typical non-ideality
factor of the mobile Pentium III thermal diode. The
LM90 has an Offset register to allow measuring other diodes without requiring continuous software
management.
Activation of the ALERT output occurs when any
temperature goes outside a preprogrammed window
set by the HIGH and LOW temperature limit registers
or exceeds the T_CRIT temperature limit. Activation
of the T_CRIT_A occurs when any temperature
exceeds the T_CRIT programmed limit. The LM90 is
pin and register compatible with the LM86, Analog
Devices ADM1032 and Maxim MAX6657/8.




Similar Part No. - LM90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM90 TI-LM90 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Pulse A Technitrol Comp...
LM900 PULSE-LM900 Datasheet
691Kb / 5P
700/800/900/1850 mhz coils/whips
logo
National Semiconductor ...
LM9011 NSC-LM9011 Datasheet
332Kb / 16P
Electronic Ignition Interface
LM9011M NSC-LM9011M Datasheet
332Kb / 16P
Electronic Ignition Interface
More results


Similar Description - LM90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com