Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM99 Datasheet (PDF) - Texas Instruments

LM99 Datasheet PDF - Texas Instruments
Part # LM99
Download  LM99 Download
File Size   707.38 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface

LM99 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM99 Datasheet PDF - Texas Instruments

Part # LM99
Download  LM99 Click to download

File Size   707.38 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface

LM99 Datasheet (HTML) - Texas Instruments


LM99 Product details

1FEATURES
2• Accurately Senses the Temperature of Remote
Diodes
• Offset Register Allows Use of a Variety of
Thermal Diodes
• On-board Local Temperature Sensing
• 10 Bit Plus Sign Remote Diode Temperature
Data Format, 0.125 °C Resolution
• T_CRIT_A Output Useful for System Shutdown
• ALERT Output Supports SMBus 2.0 Protocol
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• 8-Pin VSSOP Package

APPLICATIONS
• Graphics Processor Thermal Management
• Computer Processor Thermal Management
• Electronic Test Equipment
• Office Electronics

KEY SPECIFICATIONS
• Supply Voltage 3.0 V to 3.6 V
• Supply Current 0.8 mA (typ)
• Local Temp Accuracy
(Includes Quantization error)
– TA = 25°C to 125°C ±3.0°C (Max)
• Remote Diode Temp Accuracy
(Includes Quantization Error)
– TA = 30°C to 50°C, TD = 120°C to 140°C
±1.0°C (Max)
– TA = 0°C to 85°C, TD = 25°C to 140°C ±3.0°C
(Max)

DESCRIPTION
The LM99 is an 11-bit remote diode temperature
sensor with a 2-wire System Management Bus
(SMBus) serial interface. The LM99 accurately
measures: (1) its own temperature and (2) the
temperature of a remote diode-connected transistor
such as the 2N3904 or a thermal diode commonly
found on Graphics Processor Units (GPU), Computer
Processor Units (CPU or other ASICs. The LM99
remote diode temperature sensor shifts the
temperature from the remote sensor down 16°C and
operates on that shifted temperature:
TACTUAL DIODE JUNCTION = TLM99 + 16°C
The local temperature reading requires no offset.
The LM99 has an Offset Register which provides a
means for precise matching to various thermal
diodes.
The LM99 and LM99-1 have the same functions but
different SMBus slave addresses. This allows for one
of each to be on the same bus at the same time.
Activation of the ALERT output occurs when any
temperature goes outside a preprogrammed window
set by the HIGH and LOW temperature limit registers
or exceeds the T_CRIT temperature limit. Activation
of the T_CRIT_A occurs when any temperature
exceeds the T_CRIT programmed limit.




Similar Part No. - LM99

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM99 NSC-LM99 Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM99 TI-LM99 Datasheet
1Mb / 30P
LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
logo
National Semiconductor ...
LM99-1CIMM NSC-LM99-1CIMM Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM99-1CIMM/NOPB TI-LM99-1CIMM/NOPB Datasheet
1Mb / 30P
LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
logo
National Semiconductor ...
LM99-1CIMMX NSC-LM99-1CIMMX Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
More results


Similar Description - LM99

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM99 NSC-LM99 Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
logo
Texas Instruments
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM99 TI-LM99_15 Datasheet
1Mb / 30P
LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com