Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79L12 Datasheet (PDF) - Texas Instruments

LM79L12 Datasheet PDF - Texas Instruments
Part # LM79L12
Download  LM79L12 Download
File Size   756.64 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM79LXXAC Series 3-Terminal Negative Regulators

LM79L12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM79L12 Datasheet PDF - Texas Instruments

Part # LM79L12
Download  LM79L12 Click to download

File Size   756.64 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM79LXXAC Series 3-Terminal Negative Regulators

LM79L12 Datasheet (HTML) - Texas Instruments


LM79L12 Product details

1FEATURES
2• Preset Output Voltage Error is Less than ±5%
Over Load, Line and Temperature
• Specified at an Output Current of 100mA
• Easily Compensated with a Small 0.1μF Output
Capacitor
• Internal Short-Circuit, Thermal and Safe
Operating Area Protection
• Easily Adjustable to Higher Output Voltages
• Maximum Line Regulation Less than 0.07%
VOUT/V
• Maximum Load Regulation Less than 0.01%
VOUT/mA
• See AN-1112 (SNVA009) for DSBGA
Considerations

DESCRIPTION
The LM79LXXAC series of 3-terminal negative
voltage regulators features fixed output voltages of
−5V, −12V, and −15V with output current capabilities
in excess of 100mA. These devices were designed
using the latest computer techniques for optimizing
the packaged IC thermal/electrical performance. The
LM79LXXAC series, when combined with a minimum
output capacitor of 0.1μF, exhibits an excellent transient response, a maximum line regulation of
0.07% VO/V, and a maximum load regulation of
0.01% VO/mA.
The LM79LXXAC series also includes, as self-
protection circuitry: safe operating area circuitry for
output transistor power dissipation limiting, a
temperature independent short circuit current limit for
peak output current limiting, and a thermal shutdown circuit to prevent excessive junction temperature.
Although designed primarily as fixed voltage
regulators, these devices may be combined with
simple external circuitry for boosted and/or adjustable
voltages and currents. The LM79LXXAC series is
available in the 3-lead TO package, the 8-lead SOIC
package, and the 6-Bump DSBGA package.
For output voltages other than the pre-set -5V, -12V
and -15V, the LM137L series provides an adjustable
output voltage range from -1.2V to -47V.




Similar Part No. - LM79L12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79L12 NSC-LM79L12 Datasheet
210Kb / 8P
3-Terminal Negative Regulators
logo
Boca Semiconductor Corp...
LM79L12 BOCA-LM79L12 Datasheet
246Kb / 6P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L12 FCI-LM79L12 Datasheet
395Kb / 6P
LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L12 ETC1-LM79L12 Datasheet
49Kb / 4P
100mA Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79L12 HTC-LM79L12 Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Similar Description - LM79L12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
Series 3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
3-Terminal Negative Regulators
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
3-Terminal Negative Regulators
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
3-Terminal Negative Regulators
logo
Texas Instruments
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
Series 3-Terminal Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
Series 3-Terminal Negative Regulators
LM120QML TI1-LM120QML_16 Datasheet
640Kb / 19P
Series 3-Terminal Negative Regulators
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
3-Terminal Negative Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com