Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSOP-C Datasheet (PDF) - TT Electronics.

QSOP-C Datasheet PDF - TT Electronics.
Part # QSOP-C
Download  QSOP-C Download
File Size   547.5 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description QSOP Thin Film on Ceramic Resistor Networks

QSOP-C Datasheet (PDF)

Go To PDF Page Download Datasheet
QSOP-C Datasheet PDF - TT Electronics.

Part # QSOP-C
Download  QSOP-C Click to download

File Size   547.5 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description QSOP Thin Film on Ceramic Resistor Networks

QSOP-C Datasheet (HTML) - TT Electronics.


QSOP-C Product details

Features:
• Precision ratio tolerances to ±0.05%
• Tracking TCR to ±5ppm/°C
• Reliable, no internal cavity
• Standard JEDEC 16, 20 & 24 pin packages
• Ultra-stable TaN resistors on ceramic substrate
• Lower crosstalk than silicon substrate types




Similar Part No. - QSOP-C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSOP-16 DIODES-QSOP-16 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
QSOP-20 DIODES-QSOP-20 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
logo
Fairchild Semiconductor
QSOP-24 FAIRCHILD-QSOP-24 Datasheet
78Kb / 1P
Package MQA24
More results


Similar Description - QSOP-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
Thin Film Chip Resistor Networks
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
HSTL Termination Circuit Thin Film Resistor Networks
logo
IRC - a TT electronics ...
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
Surface Mount QSOP Resistor Networks
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
Thick Film Resistor Networks
logo
List of Unclassifed Man...
698-3-R100KB ETC-698-3-R100KB Datasheet
199Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
logo
KOA Speer Electronics, ...
CNN KOA-CNN Datasheet
372Kb / 2P
thin film chip networks
logo
Vishay Siliconix
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
Surface Mount QSOP Resistor Networks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com